Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G10 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G10
Description  Single 3-input NAND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G10 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC1G10 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G10 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G10 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G10 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G10 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G10 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G10 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G10 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G10 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
74LVC1G10
Single 3-input NAND gate
Rev. 7 — 2 February 2022
Product data sheet
1. General description
The 74LVC1G10 provides a low-power, low-voltage single 3-input NAND gate.
The inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of this device
in a mixed 3.3 V and 5 V environment.
Schmitt trigger action at all inputs makes the circuit tolerant to slower input rise and fall time.
This device is fully specified for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing the damaging backflow current through the device when it is
powered down.
2. Features and benefits
• Wide supply voltage range from 1.65 V to 5.5 V
• High noise immunity
• ±24 mA output drive (VCC = 3.0 V)
• CMOS low power dissipation
• Latch-up performance exceeds 250 mA
• Direct interface with TTL levels
• Inputs accept voltages up to 5 V
• IOFF circuitry provides partial Power-down mode operation
• Complies with JEDEC standard:
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• JESD36 (4.5 V to 5.5 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C


Similar Part No. - 74LVC1G10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G10 NXP-74LVC1G10 Datasheet
76Kb / 14P
Single 3-input NAND gate
Rev. 01-2 October 2007
logo
Diodes Incorporated
74LVC1G10 DIODES-74LVC1G10 Datasheet
291Kb / 14P
SINGLE 3 INPUT POSITIVE NAND GATE
DS35121 Rev. 1 - 2
74LVC1G10 DIODES-74LVC1G10 Datasheet
314Kb / 13P
SINGLE 3 INPUT POSITIVE NAND GATE
Rev 3
logo
Nexperia B.V. All right...
74LVC1G10-Q100 NEXPERIA-74LVC1G10-Q100 Datasheet
764Kb / 12P
Single 3-input NAND gate
logo
Texas Instruments
74LVC1G10DBVRG4 TI-74LVC1G10DBVRG4 Datasheet
675Kb / 15P
SINGLE 3-INPUT POSITIVE-NAND GATE
More results

Similar Description - 74LVC1G10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G10 TI-SN74LVC1G10 Datasheet
252Kb / 11P
SINGLE 3 INPUT POSITIVE NAND GATE
logo
NXP Semiconductors
74LVC1G10 NXP-74LVC1G10 Datasheet
76Kb / 14P
Single 3-input NAND gate
Rev. 01-2 October 2007
logo
Texas Instruments
SN74LVC1G10 TI-SN74LVC1G10_10 Datasheet
675Kb / 15P
SINGLE 3-INPUT POSITIVE-NAND GATE
logo
ON Semiconductor
NLX1G10 ONSEMI-NLX1G10 Datasheet
140Kb / 8P
3-Input NAND Gate
March, 2010 ??Rev. 1
logo
Diodes Incorporated
74LVC1G10 DIODES-74LVC1G10 Datasheet
291Kb / 14P
SINGLE 3 INPUT POSITIVE NAND GATE
DS35121 Rev. 1 - 2
74LVC1G10_1107 DIODES-74LVC1G10_1107 Datasheet
314Kb / 13P
SINGLE 3 INPUT POSITIVE NAND GATE
Rev 3
logo
Unisonic Technologies
U74LVC1G10 UTC-U74LVC1G10 Datasheet
187Kb / 6P
SINGLE 3-INPUT POSITIVE-NAND GATE
logo
Texas Instruments
SN74LVC1G10 TI1-SN74LVC1G10_15 Datasheet
1Mb / 25P
Single 3-Input Positive-NAND Gate
logo
Nexperia B.V. All right...
74LVC1G10-Q100 NEXPERIA-74LVC1G10-Q100 Datasheet
764Kb / 12P
Single 3-input NAND gate
logo
ON Semiconductor
NL17SZ10 ONSEMI-NL17SZ10 Datasheet
265Kb / 10P
Single 3-Input NAND Gate
October, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com