Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G18 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G18
Description  1-of-2 non-inverting demultiplexer with 3-state deselected output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G18 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC1G18 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G18 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G18 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G18 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G18 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G18 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G18 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G18 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G18 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Nexperia
74LVC1G18
1-of-2 non-inverting demultiplexer with 3-state deselected output
4. Marking
Table 2. Marking
Type number
Marking code [1]
74LVC1G18GW
VW
74LVC1G18GV
V18
[1] The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5. Functional diagram
mnb088
S
1Y
1
6
A
2Y
3
4
Fig. 1. Logic symbol
6. Pinning information
6.1. Pinning
74LVC1G18
S
1Y
GND
A
2Y
001aag921
1
2
3
6
VCC
5
4
Fig. 2. Pin configuration SOT363-2 (TSSOP6) and SOT457 (SC-74; TSOP6)
6.2. Pin description
Table 3. Pin description
Symbol
Pin
Description
S
1
data select
GND
2
ground (0 V)
A
3
data input
2Y
4
data output
VCC
5
supply voltage
1Y
6
data output
74LVC1G18
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 4 — 20 January 2022
2 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com