Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G74DP Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G74DP
Description  Single D-type flip-flop with set and reset; positive edge trigger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G74DP Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC1G74DP Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G74DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G74DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G74DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G74DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G74DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G74DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G74DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G74DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Nexperia
74LVC1G74
Single D-type flip-flop with set and reset; positive edge trigger
mna421
SD
CP
RD
D
C
C
Q
C
C
C
C
C
C
Q
C
C
Fig. 3. Logic diagram
6. Pinning information
6.1. Pinning
74LVC1G74
CP
VCC
D
SD
Q
RD
GND
Q
001aab659
1
2
3
4
6
5
8
7
Fig. 4. Pin configuration SOT505-2 (TSSOP8) and
SOT765-1 (VSSOP8)
74LVC1G74
RD
SD
VCC
Q
Q
D
CP
GND
001aab658
3
6
2
7
1
8
4
5
Transparent top view
Fig. 5. Pin configuration SOT833-1, SOT1089, SOT1116
and SOT1203 (XSON8)
6.2. Pin description
Table 3. Pin description
Symbol
Pin
Description
CP
1
clock input (LOW-to-HIGH, edge-triggered)
D
2
data input
Q
3
complement output
GND
4
ground (0 V)
Q
5
true output
RD
6
asynchronous reset-direct input (active LOW)
SD
7
asynchronous set-direct input (active LOW)
VCC
8
supply voltage
74LVC1G74
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 15 — 20 September 2021
3 / 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com