Electronic Components Datasheet Search
  English  ▼

X  

IDT72421 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # IDT72421
Description  CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72421 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button IDT72421 Datasheet HTML 9Page - Integrated Device Technology IDT72421 Datasheet HTML 10Page - Integrated Device Technology IDT72421 Datasheet HTML 11Page - Integrated Device Technology IDT72421 Datasheet HTML 12Page - Integrated Device Technology IDT72421 Datasheet HTML 13Page - Integrated Device Technology IDT72421 Datasheet HTML 14Page - Integrated Device Technology IDT72421 Datasheet HTML 15Page - Integrated Device Technology IDT72421 Datasheet HTML 16Page - Integrated Device Technology IDT72421 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
5.07
13
IDT72421/72201/72211/72221/72231/72241 CMOS SyncFIFO
™
64 x 9, 256 x 9, 512 x 9, 1024 x 9, 2048 x 9 and 4096 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
tSKEW1
tDS
tSKEW1
DATA WRITE
tDS
tENH
tENH
NEXT DATA READ
DATA READ
WCLK
D0 - D8
FF
WEN1
WEN2
(If Applicable)
RCLK
REN1,
REN2
Q0 - Q8
tWFF
tWFF
tWFF
tENS
tENS
DATA IN OUTPUT REGISTER
OE
LOW
NO WRITE
NO WRITE
2655 drw 10
tA
tA
Figure 8. Full Flag Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com