Electronic Components Datasheet Search
  English  ▼

X  

BSP220 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BSP220
Description  P-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP220 Datasheet(HTML) 3 Page - NXP Semiconductors

  BSP220 Datasheet HTML 1Page - NXP Semiconductors BSP220 Datasheet HTML 2Page - NXP Semiconductors BSP220 Datasheet HTML 3Page - NXP Semiconductors BSP220 Datasheet HTML 4Page - NXP Semiconductors BSP220 Datasheet HTML 5Page - NXP Semiconductors BSP220 Datasheet HTML 6Page - NXP Semiconductors BSP220 Datasheet HTML 7Page - NXP Semiconductors BSP220 Datasheet HTML 8Page - NXP Semiconductors BSP220 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
April 1995
3
Philips Semiconductors
Product specification
P-channel enhancement mode vertical
D-MOS transistor
BSP220
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
Note
1. Device mounted on an epoxy printed-circuit board 40 x 40 x 1.5 mm; mounting pad for the drain lead minimum 6 cm2.
THERMAL RESISTANCE
Note
1. Device mounted on an epoxy printed-circuit board 40 x 40 x 1.5 mm; mounting pad for the drain lead minimum 6 cm2.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
−VDS
drain-source voltage
−
200
V
±VGSO
gate-source voltage
open drain
−
20
V
−I
D
drain current
DC value
−
225
mA
−I
DM
drain current
peak value
−
600
mA
Ptot
total power dissipation
up to Tamb = 25 °C (note 1)
−
1.5
W
Tstg
storage temperature range
−65
150
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
from junction to ambient (note 1)
83.3
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com