Electronic Components Datasheet Search
  English  ▼

X  

74AHC594DB Datasheet(PDF) 17 Page - NXP Semiconductors

Part # 74AHC594DB
Description  8-bit shift register with output register
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC594DB Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button 74AHC594DB Datasheet HTML 13Page - NXP Semiconductors 74AHC594DB Datasheet HTML 14Page - NXP Semiconductors 74AHC594DB Datasheet HTML 15Page - NXP Semiconductors 74AHC594DB Datasheet HTML 16Page - NXP Semiconductors 74AHC594DB Datasheet HTML 17Page - NXP Semiconductors 74AHC594DB Datasheet HTML 18Page - NXP Semiconductors 74AHC594DB Datasheet HTML 19Page - NXP Semiconductors 74AHC594DB Datasheet HTML 20Page - NXP Semiconductors 74AHC594DB Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
74AHC_AHCT594_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 4 July 2006
17 of 29
Philips Semiconductors
74AHC594; 74AHCT594
8-bit shift register with output register
tsu
set-up time
DS to SHCP
CL = 50 pF; see Figure 11
3.0
-
-
ns
set-up time
SHR to STCP
CL = 50 pF; see Figure 12
5.0
-
-
ns
set-up time
SHCP to STCP
CL = 50 pF; see Figure 10
5.0
-
-
ns
th
hold time DS to SHCP
see Figure 11
2.0
-
-
ns
trec
recovery time
SHR to SHCP
CL = 50 pF; see Figure 13
2.9
-
-
ns
recovery time
STR to STCP
CL = 50 pF; see Figure 14
3.4
-
-
ns
fmax
maximum frequency
SHCP or STCP
CL = 50 pF; see Figure 9 and
Figure 10
90
160
-
MHz
CPD
power dissipation
capacitance
VI = GND to VCC; VCC =5V;
CL = 50 pF; fi = 1 MHz
[2] -55
-
pF
Tamb = −40 °C to +85 °C
tPLH
LOW-to-HIGH
propagation delay
SHCP to Q7S
see Figure 9
CL = 15 pF
1.7
-
7.2
ns
CL = 50 pF
2.2
-
9.1
ns
tPHL
HIGH-to-LOW
propagation delay
SHCP to Q7S
see Figure 9
CL = 15 pF
1.8
-
7.6
ns
CL = 50 pF
2.4
-
10.1
ns
tPLH
LOW-to-HIGH
propagation delay
STCP to Qn
see Figure 10
CL = 15 pF
1.8
-
6.5
ns
CL = 50 pF
2.6
-
8.8
ns
tPHL
HIGH-to-LOW
propagation delay
STCP to Qn
see Figure 10
CL = 15 pF
1.9
-
6.9
ns
CL = 50 pF
2.6
-
9.7
ns
tPHL
HIGH-to-LOW
propagation delay
SHR to Q7S
see Figure 13
CL = 15 pF
2.4
-
8.0
ns
CL = 50 pF
2.7
-
10.1
ns
HIGH-to-LOW
propagation delay
STR to Qn
see Figure 14
CL = 15 pF
2.3
-
8.4
ns
CL = 50 pF
3.1
-
10.7
ns
tW
pulse width HIGH or
LOW SHCP and STCP
CL = 50 pF; see Figure 9 and
Figure 10
6.0
-
-
ns
pulse width HIGH or
LOW SHR and STR
CL = 50 pF; see Figure 13 and
Figure 14
5.5
-
-
ns
Table 9.
Dynamic characteristics type 74AHCT594 …continued
GND = 0 V; tr = tf ≤ 3.0 ns; VCC = 4.5 V to 5.5 V; see Figure 15
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com