Electronic Components Datasheet Search
  English  ▼

X  

P87LPC764 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # P87LPC764
Description  Low power, low price, low pin count (20 pin) microcontroller with 4 kbyte OTP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC764 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button P87LPC764 Datasheet HTML 24Page - NXP Semiconductors P87LPC764 Datasheet HTML 25Page - NXP Semiconductors P87LPC764 Datasheet HTML 26Page - NXP Semiconductors P87LPC764 Datasheet HTML 27Page - NXP Semiconductors P87LPC764 Datasheet HTML 28Page - NXP Semiconductors P87LPC764 Datasheet HTML 29Page - NXP Semiconductors P87LPC764 Datasheet HTML 30Page - NXP Semiconductors P87LPC764 Datasheet HTML 31Page - NXP Semiconductors P87LPC764 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
Philips Semiconductors
Product data
P87LPC764
Low power, low price, low pin count (20 pin)
microcontroller with 4 kbyte OTP
2003 Sep 03
27
Low Voltage EPROM Operation
The EPROM array contains some analog circuits that are not
required when VDD is less than 4 V, but are required for a VDD
greater than 4 V. The LPEP bit (AUXR.4), when set by software, will
power down these analog circuits resulting in a reduced supply
current. LPEP is cleared only by power-on reset, so it may be set
ONLY for applications that always operate with VDD less than 4 V.
Reset
The P87LPC764 has an integrated power-on reset circuit which
always provides a reset when power is initially applied to the device.
It is recommended to use the internal reset whenever possible to
save external components and to be able to use pin P1.5 as a
general-purpose input pin.
The P87LPC764 can additionally be configured to use P1.5 as an
external active-low reset pin RST by programming the RPD bit in the
User Configuration Register UCFG1 to 0. The internal reset is still
active on power-up of the device. While the signal on the RST pin is
low, the P87LPC764 is held in reset until the signal goes high.
The watchdog timer on the LPC764 can act as an oscillator fail
detect because it uses an independent, fully on-chip oscillator.
UCFG1 is described in the System Configuration Bytes section of
this datasheet.
SU01169
87LPC764
P1.5
Pin is used as
digital input pin
Internal power-on
Reset active
UCFG1.RPD = 1 (default)
87LPC764
RST
Pin is used as
active-low reset pin
Internal power-on
Reset active
UCFG1.RPD = 0
Figure 20. Using pin P1.5 as general purpose input pin or as low-active reset pin
SU01170
CHIP RESET
CPU
CLOCK
Q
RESET
TIMING
RPD (UCFG1.6)
WDT
MODULE
SOFTWARE RESET
SRST (AUXR1.3)
POWER MONITOR
RESET
RST/VPP PIN
WDTE (UCFG1.7)
S
R
Figure 21. Block Diagram Showing Reset Sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com