Electronic Components Datasheet Search
  English  ▼

X  

5B38 Datasheet(PDF) 3 Page - Analog Devices

Part # 5B38
Description  Isolated, Wide-Bandwidth Strain Gage Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B38 Datasheet(HTML) 3 Page - Analog Devices

  5B38 Datasheet HTML 1Page - Analog Devices 5B38 Datasheet HTML 2Page - Analog Devices 5B38 Datasheet HTML 3Page - Analog Devices 5B38 Datasheet HTML 4Page - Analog Devices 5B38 Datasheet HTML 5Page - Analog Devices 5B38 Datasheet HTML 6Page - Analog Devices 5B38 Datasheet HTML 7Page - Analog Devices 5B38 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5B38
Rev. 0 | Page 3 of 8
5B38 Models Available
Model
Input Bridge Type
Bridge Range
Excitation
Sensitivity
Output Range
5B38-02
Full Bridge
300
Ωto 10 kΩ
+10.0 V
3 mV/V
-5 V to +5 V
5B38-04
Half Bridge
300
Ωto 10 kΩ
+10.0 V
3 mV/V
-5 V to +5 V
5B38-05
Full Bridge
300
Ωto 10 kΩ
+10.0 V
2 mV/V
-5 V to +5 V
5B38-Custom
*
300
Ωto 10 kΩ
+10.0 V
*
-5 V to +5 V
* Custom Input/sensitivity ranges are available. Refer to configuration guide.
5B38 Specifications
Description
Model 5B38 Full Bridge
Model 5B38 Half Bridge
Input Ranges
Standard Ranges
±20 mV (2 mV/V Sensitivity)
±30 mV (3 mV/V Sensitivity)
±30 mV (3 mV/V Sensitivity)
Custom Ranges
±10 mV to ±500 mV
*
Output Ranges (RL > 50 kΩ)
-5 V to +5 V
*
Accuracy2
Initial @ +25°C
±0.08% Span ±10 µV RTI
±0.08% Span ±1 mV RTI
Nonlinearity
±0.02% Span
*
Input Offset vs. Temperature
±1 µV/°C
*
Output Offset vs. Temperature
±40 µV/°C
*
Gain vs. Temperature
±25 ppm of Reading/°C
*
Excitation Voltage Output @ full load
+10 V ±3 mV
*
Load Range
10 k
Ω, minimum; 300 Ω, maximum
*
Load Regulation
±5 ppm/mA
*
vs. Temperature
±15 ppm/°C
*
Half Bridge Voltage Level
N/A
+5 V ±1 mV
Half Bridge Voltage vs. Temperature
N/A
±15 ppm/°C
Input Bias Current
±3 nA
*
Input Resistance
Power On
20 M
Ω, minimum
*
Power Off
40 k
Ω, minimum
*
Overload
40 k
Ω, minimum
*
Noise
Input, 0.1 Hz to 10 Hz Bandwidth
0.4 µV rms
2 µV rms
Input, 10 kHz Bandwidth
±70 nV/
Hz
±250 nV/
Hz
Output, 100 kHz Bandwidth
10 mV peak-peak
*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com