Electronic Components Datasheet Search
  English  ▼

X  

BSP255 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BSP255
Description  P-channel enhancement mode vertical D-MOS transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP255 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BSP255 Datasheet HTML 2Page - NXP Semiconductors BSP255 Datasheet HTML 3Page - NXP Semiconductors BSP255 Datasheet HTML 4Page - NXP Semiconductors BSP255 Datasheet HTML 5Page - NXP Semiconductors BSP255 Datasheet HTML 6Page - NXP Semiconductors BSP255 Datasheet HTML 7Page - NXP Semiconductors BSP255 Datasheet HTML 8Page - NXP Semiconductors BSP255 Datasheet HTML 9Page - NXP Semiconductors BSP255 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
1996 Aug 05
6
Philips Semiconductors
Product specification
P-channel enhancement mode
vertical D-MOS transistor
BSP255
Fig.5
Gate-source voltage as a function of
total gate charge; typical values.
VDD = −50 V: ID = −180 mA.
handbook, halfpage
0
0.5
1.0
1.5
2.0
2.5
−10
−8
−6
−4
−2
0
MBH443
Qg (nC)
VGS
(V)
Fig.6 Output characteristics; typical values.
Tj =25 °C.
handbook, halfpage
0
−2
−4
−6
−8
−10
−12
−600
−800
−400
0
−200
MBH441
VDS (V)
ID
(mA)
VGS = −10 V
−4.5 V
−4.0 V
−3.5 V
−3.0 V
−2.5 V
−2.0 V
Fig.7 Transfer characteristics; typical values.
VDS = −10 V; Tj =25 °C.
handbook, halfpage
0
−2
−4
−6
−8
−10
−200
−400
−600
−800
0
MBH440
VGS (V)
ID
(mA)
Fig.8
Source-drain current as a function of
source-drain diode forward voltage;
typical values.
VGD =0.
(1) Tj = 150 °C.
(2) Tj =25 °C.
(3) Tj = −65 °C.
handbook, halfpage
−2.5
0
(1)
(2)
VSD (V)
−0.8
−0.4
−2.0
0
ISD
(A)
MBH436
−1.6
−1.2
−0.5
−1.0
−1.5
−2.0
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com