Electronic Components Datasheet Search
  English  ▼

X  

PCA9698 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCA9698
Description  40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9698 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCA9698 Datasheet HTML 35Page - NXP Semiconductors PCA9698 Datasheet HTML 36Page - NXP Semiconductors PCA9698 Datasheet HTML 37Page - NXP Semiconductors PCA9698 Datasheet HTML 38Page - NXP Semiconductors PCA9698 Datasheet HTML 39Page - NXP Semiconductors PCA9698 Datasheet HTML 40Page - NXP Semiconductors PCA9698 Datasheet HTML 41Page - NXP Semiconductors PCA9698 Datasheet HTML 42Page - NXP Semiconductors PCA9698 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
PCA9698_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 19 July 2006
39 of 47
Philips Semiconductors
PCA9698
40-bit Fm+ I2C-bus advanced I/O port with RESET, OE and INT
13. Test information
Fig 39. Reset timing
SDA
SCL
002aac018
trst
50 %
30 %
50 %
50 %
50 %
trec(rst)
tw(rst)
RESET
IOx_y
output off
START
trst
ACK or read cycle
RL = load resistance.
CL = load capacitance includes jig and probe capacitance.
RT = termination resistance should be equal to the output impedance Zo of the pulse
generators.
Fig 40. Test circuitry for switching times
PULSE
GENERATOR
VO
CL
50 pF
RL
500
Ω
002aac019
RT
VI
VDD
DUT
2VDD
open
VSS
500
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com