Electronic Components Datasheet Search
  English  ▼

X  

IXFR34N80 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFR34N80
Description  Single MOSFET Die Avalanche Rated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFR34N80 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFR34N80 Datasheet HTML 1Page - IXYS Corporation IXFR34N80 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
800
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
800
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C (MOSFET chip capability)
28
A
I
DM
T
C
= 25
°C, Note 1
600
A
I
AR
T
C
= 25
°C
150
A
E
AR
T
C
= 25
°C60
mJ
E
AS
T
C
= 25
°C3
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C
= 25
°C
400
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in.) from case for 10 s
300
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
Weight
5
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 3mA
150
V
V
GS(th)
V
DS = VGS, ID = 8mA
2.0
4.0 V
I
GSS
V
GS = ±20 V, VDS = 0
±100 nA
I
DSS
V
DS = VDSS
T
J
= 25
°C
100
µA
V
GS = 0 V
T
J
= 125
°C
2 mA
R
DS(on)
V
GS = 10 V, ID = IT
0.24
Ω
Notes 2, 3
Single MOSFET Die
Avalanche Rated
98674A (02/00)
ISOPLUS 247TM
HiPerFETTM Power MOSFETs
ISOPLUS247TM
(Electrically Isolated Backside)
Features
l Silicon chip on Direct-Copper-Bond
substrate
- High power dissipation
- Isolated mounting surface
- 2500V electrical isolation
l Low drain to tab capacitance(<25pF)
l Low R
DS (on) HDMOS
TM process
l Rugged polysilicon gate cell structure
l Unclamped Inductive Switching (UIS)
rated
l Fast intrinsic Rectifier
Applications
l DC-DC converters
l Battery chargers
l Switched-mode and resonant-mode
power supplies
l DC choppers
l AC motor control
Advantages
l Easy assembly
l Space savings
l High power density
G = Gate
D = Drain
S = Source
* Patent pending
IXFR 34N80
V
DSS
= 800
V
I
D25
=
28
A
R
DS(on) = 0.24
Ω
Ω
Ω
Ω
Ω
t
rr ≤
≤≤≤≤ 250 ns
E153432
Isolated backside*
G
D
S
Preliminary Data Sheet


Similar Part No. - IXFR34N80

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR30N110P IXYS-IXFR30N110P Datasheet
116Kb / 4P
Polar Power MOSFET HiPerFET
IXFR30N50 IXYS-IXFR30N50 Datasheet
92Kb / 4P
HiPerFET Power MOSFETs ISOPLUS247
logo
Inchange Semiconductor ...
IXFR30N50 ISC-IXFR30N50 Datasheet
329Kb / 2P
isc N-Channel MOSFET Transistor
2023.10.24
logo
IXYS Corporation
IXFR30N50Q IXYS-IXFR30N50Q Datasheet
92Kb / 4P
HiPerFET Power MOSFETs ISOPLUS247
logo
Inchange Semiconductor ...
IXFR30N60 ISC-IXFR30N60 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
2023.10.24
More results

Similar Description - IXFR34N80

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0013C SSDI-FT0013C Datasheet
135Kb / 2P
Avalanche Rated P-MOSFET
FT0042A SSDI-FT0042A Datasheet
163Kb / 3P
Avalanche Rated P-MOSFET
FT0045B SSDI-FT0045B Datasheet
129Kb / 2P
Avalanche Rated P-MOSFET
FT0055A SSDI-FT0055A Datasheet
154Kb / 3P
Avalanche Rated N-MOSFET
FT0057A SSDI-FT0057A Datasheet
154Kb / 3P
Avalanche Rated N-MOSFET
FT0013C SSDI-FT0013C_15 Datasheet
135Kb / 2P
Avalanche Rated P-MOSFET
FT0042A SSDI-FT0042A_15 Datasheet
163Kb / 3P
Avalanche Rated P-MOSFET
FT0045B SSDI-FT0045B_15 Datasheet
129Kb / 2P
Avalanche Rated P-MOSFET
FT0055A SSDI-FT0055A_15 Datasheet
154Kb / 3P
Avalanche Rated N-MOSFET
FT0057A SSDI-FT0057A_15 Datasheet
154Kb / 3P
Avalanche Rated N-MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com