Electronic Components Datasheet Search
  English  ▼

X  

PCK9446BD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK9446BD
Description  2.5 V and 3.3 V LVCMOS clock fan-out buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK9446BD Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK9446BD Datasheet HTML 1Page - NXP Semiconductors PCK9446BD Datasheet HTML 2Page - NXP Semiconductors PCK9446BD Datasheet HTML 3Page - NXP Semiconductors PCK9446BD Datasheet HTML 4Page - NXP Semiconductors PCK9446BD Datasheet HTML 5Page - NXP Semiconductors PCK9446BD Datasheet HTML 6Page - NXP Semiconductors PCK9446BD Datasheet HTML 7Page - NXP Semiconductors PCK9446BD Datasheet HTML 8Page - NXP Semiconductors PCK9446BD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PCK9446_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 10 April 2006
2 of 17
Philips Semiconductors
PCK9446
2.5 V and 3.3 V LVCMOS clock fan-out buffer
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCK9446BD
LQFP32
plastic low profile quad flat package; 32 leads;
body 7
× 7 × 1.4 mm
SOT358-1
Fig 1.
Logic diagram of PCK9446
002aaa707
CLK
QA1
CLK_SEL
CLK0
CLK1
MR/OE
0
1
CLK
÷ 2
0
1
PCK9446
0
1
0
1
QA0
QA2
QB1
QB0
QB2
bank A
bank B
bank C
QC1
QC0
QC2
QC3
25 k
Ω
25 k
Ω
VCC
VCC
25 k
Ω
FSELA
25 k
Ω
FSELB
25 k
Ω
FSELC
25 k
Ω
25 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com