Electronic Components Datasheet Search
  English  ▼

X  

2004C Datasheet(PDF) 1 Page - Belden Inc.

Part # 2004C
Description  Electronic, 3 C #18 Str TC, PO Ins, OS, PVC Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

2004C Datasheet(HTML) 1 Page - Belden Inc.

  2004C Datasheet HTML 1Page - Belden Inc. 2004C Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 2004C
Electronic, 3 C #18 Str TC, PO Ins, OS, PVC Jkt
Product Description
Electronic, 3 Conductor 18AWG (16x30) Tinned Copper, PO Insulation, Overall Beldfoil® Shield, PVC Outer Jacket
Technical Specifications
Product Overview
Suitable Applications:
Electronics
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 3
18 AWG 16x30
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s)
PE -
Polyethylene
0.016 in (0.41 mm) 0.079 in (2.0 mm)
Black, White, Red
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
22 AWG (7x30) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.025 in (0.64 mm) 0.224 in (5.69 mm)
Overall Cable Diameter (Nominal):
0.224 in (5.69 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Max. Current
Conductor(s) 7.06 Ohm/1000ft
13 Amps per Conductor at 30ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
75°C
-20°C To +75°C
Bend Radius
Stationary Min.
Installation Min.
2.24 in (56.9 mm) 2.24 in (56.9 mm)


Similar Part No. - 2004C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2004 ETC2-2004 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
logo
Witten Company, Inc.
2004 WITTEN-2004 Datasheet
149Kb / 1P
MOLDED-IN OR POTTED-IN INSERT, FLUSH MOUNTED BOTH SIDES
logo
Heyco.
2004 HEYCO-2004 Datasheet
133Kb / 1P
Snap Bushings
logo
Adafruit Industries
2004 ADAFRUIT-2004 Datasheet
237Kb / 2P
Silicone Cover Stranded-Core Wire - 2m 30AWG Yellow
logo
Dwyer Instruments,
2004 DWYER-2004 Datasheet
1Mb / 4P
MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
More results

Similar Description - 2004C

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8770 BELDEN-8770 Datasheet
263Kb / 2P
Electronic, 3 C #18 Str TC, PE Ins, OS, PVC Jkt, CM
8760ZH BELDEN-8760ZH Datasheet
151Kb / 2P
Electronic, 2 C #18 Str TC, PO Ins, OS, LSZH Jkt, CMG
05-05-2023
8772ZH BELDEN-8772ZH Datasheet
152Kb / 2P
Electronic, 3 C #20 Str TC, PO Ins, OS, LSZH Jkt, CMG
05-05-2023
9418ZH BELDEN-9418ZH Datasheet
156Kb / 2P
Electronic, 4 C #18 Str TC, PO Ins, OS, LSZH Jkt, CMG
05-05-2023
9464 BELDEN-9464 Datasheet
146Kb / 2P
Electronic, 2 C #20 Str TC, PO Ins, OS, PVC Jkt, CM
01-20-2023
8770MN BELDEN-8770MN Datasheet
175Kb / 2P
SpaceMaker™, 3 C #18 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
8770ZH BELDEN-8770ZH Datasheet
156Kb / 2P
Electronic, 3 C #18 Str TC, PO Ins, OS, LSZH Jkt, CMG
05-05-2023
9770ZH BELDEN-9770ZH Datasheet
157Kb / 2P
Electronic, 3 C #22 Str TC, PO Ins, OS, LSZH Jkt, CMG
05-05-2023
8771ZH BELDEN-8771ZH Datasheet
152Kb / 2P
Electronic, 3 C #22 Str TC, PO Ins, OS, LSZH Jkt, CMG
05-05-2023
2005C BELDEN-2005C Datasheet
137Kb / 2P
Electronic, 4 C #18 Str TC, SRPVC Ins, OS, PVC Jkt
01-23-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com