Electronic Components Datasheet Search
  English  ▼

X  

MAX211 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # MAX211
Description  5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX211 Datasheet(HTML) 11 Page - Texas Instruments

Back Button MAX211 Datasheet HTML 7Page - Texas Instruments MAX211 Datasheet HTML 8Page - Texas Instruments MAX211 Datasheet HTML 9Page - Texas Instruments MAX211 Datasheet HTML 10Page - Texas Instruments MAX211 Datasheet HTML 11Page - Texas Instruments MAX211 Datasheet HTML 12Page - Texas Instruments MAX211 Datasheet HTML 13Page - Texas Instruments MAX211 Datasheet HTML 14Page - Texas Instruments MAX211 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MAX211
5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD PROTECTION
SLLS567E − MAY 2003 − REVISED JANUARY 2004
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
capacitor selection
The capacitor type used for C1−C4 is not critical for proper operation. The MAX211 requires 0.1-
µF capacitors,
although capacitors up to 10
µF can be used without harm. Ceramic dielectrics are suggested for the 0.1-µF
capacitors. When using the minimum recommended capacitor values, make sure the capacitance value does
not degrade excessively as the operating temperature varies. If in doubt, use capacitors with a larger (e.g., 2
×)
nominal value. The capacitors’ effective series resistance (ESR), which usually rises at low temperatures,
influences the amount of ripple on V+ and V−.
Use larger capacitors (up to 10
µF) to reduce the output impedance at V+ and V−.
Bypass VCC to ground with at least 0.1 µF. In applications sensitive to power-supply noise generated by the
charge pumps, decouple VCC to ground with a capacitor the same size as (or larger than) the charge-pump
capacitors (C1−C4).
electrostatic discharge (ESD) protection
Texas Instruments MAX211 devices have standard ESD protection structures incorporated on the pins to
protect against electrostatic discharges encountered during assembly and handling. In addition, the RS232 bus
pins (driver outputs and receiver inputs) of these devices have an extra level of ESD protection. Advanced ESD
structures were designed to successfully protect these bus pins against ESD discharge of
±15 kV when powered
down.
ESD test conditions
ESD testing is stringently performed by TI, based on various conditions and procedures. Please contact TI for
a reliability report that documents test setup, methodology, and results.
Human-Body Model
The Human-Body Model (HBM) of ESD testing is shown in Figure 7. Figure 8 shows the current waveform that
is generated during a discharge into a low impedance. The model consists of a 100-pF capacitor charged to
the ESD voltage of concern and subsequently discharged into the DUT through a 1.5-k
Ω resistor.
−
+
DUT
RD
1.5 k
Ω
VHBM
100 pF
CS
Figure 7. HBM ESD Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com