Electronic Components Datasheet Search
  English  ▼

X  

8484 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8484
Description  Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8484 Datasheet(HTML) 1 Page - Belden Inc.

  8484 Datasheet HTML 1Page - Belden Inc. 8484 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8484
Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
Product Description
Electronic, 4 Conductor 20AWG (7x28) Bare Copper, PVC Insulation, PVC Outer Jacket
Technical Specifications
Product Overview
Suitable Applications:
low voltage analog signals (4-20ma, 0-10v, ...); low voltage control (24v, …); line level audio; panel wiring
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 4
20 AWG 7x28
BC - Bare Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) PVC - Polyvinyl Chloride 0.0095 in (0.24 mm) 0.055 in (1.4 mm)
Black, LGreen, Red, White
Outer Shield
Material
No Shield
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.02 in (0.51 mm) 0.173 in
Overall Cable Diameter (Nominal): 0.173 in.
Electrical Characteristics
Electricals
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond
Max. Current
10.3 Ohm/1000ft
36 pF/ft (120 pF/m)
3.2 Amps per Conductor at 25ºC
Voltage
Voltage Rating
300 V
Mechanical Characteristics
Temperature
Operating
-30°C To +90°C
Bend Radius
Stationary Min.
Installation Min.
1.73 in (43.9 mm) 1.73 in
Max. Pull Tension:
56 lbs (25 kg)


Similar Part No. - 8484

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8484 ETC2-8484 Datasheet
320Kb / 1P
HOLE PLUGS and BUSHINGS
logo
Heyco.
8484 HEYCO-8484 Datasheet
136Kb / 1P
Heyco-Flex™ Quick Twist Conduit Fittings
logo
Keystone Electronics Co...
8484 KEYSTONE-8484 Datasheet
313Kb / 1P
HOLE PLUGS & BUSHINGS
31-07 20th
8484 KEYSTONE-8484 Datasheet
83Kb / 1P
GROMMETS, BUMPERS & BUSHINGS
31-07 20th
logo
3M Electronics
8484-21A1-RK-TP 3M-8484-21A1-RK-TP Datasheet
812Kb / 3P
3M™ Chip Carrier Sockets
14-Sep-2011
More results

Similar Description - 8484

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9457 BELDEN-9457 Datasheet
271Kb / 2P
Electronic, 12 C #20 Str TC, PVC Ins, PVC Jkt, CMG
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
9431 BELDEN-9431 Datasheet
211Kb / 2P
Electronic, 20 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9458 BELDEN-9458 Datasheet
214Kb / 2P
Electronic, 15 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9439 BELDEN-9439 Datasheet
206Kb / 2P
Electronic, 7 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9444 BELDEN-9444 Datasheet
183Kb / 2P
Electronic, 4 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9455 BELDEN-9455 Datasheet
145Kb / 2P
Electronic, 9 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8627 BELDEN-8627 Datasheet
190Kb / 2P
Electronic, 4 C #14 Str TC, PVC Ins, PVC Jkt
01-20-2023
8620 BELDEN-8620 Datasheet
160Kb / 2P
Electronic, 4 C #16 Str TC, PVC Ins, PVC Jkt
01-20-2023
9445 BELDEN-9445 Datasheet
194Kb / 2P
Electronic, 5 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com