Electronic Components Datasheet Search
  English  ▼

X  

8673 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8673
Description  Electronic, 2 C #12 Str BC, PVC Ins
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8673 Datasheet(HTML) 1 Page - Belden Inc.

  8673 Datasheet HTML 1Page - Belden Inc. 8673 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8673
Electronic, 2 C #12 Str BC, PVC Ins
Product Description
Electronic, 2 Conductor 12AWG (19x24) Bare Copper, PVC Insulation
Technical Specifications
Product Overview
Suitable Applications:
low voltage analog signals (4-20ma, 0-10v, ...); low voltage control (24v, …); line level audio
Construction Details
Conductor
Element
No. of Elements Size Stranding
Material
Conductor(s) 2
12
19x25
BC - Bare Copper
Insulation
Material
Nom. Thickness
Nom. Insulation Diameter Color Code
PVC - Polyvinyl Chloride 0.026 in (0.66 mm) 0.20 in (5.1 mm)
Brown, Red
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.022 in (0.56 mm) 0.186 x 0.328 in
Electrical Characteristics
Electricals
Max. Current
12 Amps per Conductor at 25ºC
Voltage
Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
75°C
-20°C To +75°C
Bend Radius
Stationary Min. Installation Min.
0.61 in (15 mm)
0.61 in
Max. Pull Tension:
152 lbs (68.9 kg)
Bulk Cable Weight:
61 lbs/1000ft
Standards and Compliance
European Directive Compliance: EU CE Mark, EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)


Similar Part No. - 8673

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8673 3M-8673 Datasheet
187Kb / 3P
3M™ Polyurethane Protective Tape 8673 & 8673DL
Aug-2019
logo
FCI connector
86730-001LF FCI-CONNECTOR-86730-001LF Datasheet
85Kb / 1P
MINITEK JUMPER
More results

Similar Description - 8673

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8477 BELDEN-8477 Datasheet
174Kb / 2P
Electronic, 2 C #12 Str TC, PVC Ins, PVC Jkt, CL3R
03-04-2023
8629 BELDEN-8629 Datasheet
166Kb / 2P
Electronic, 12 C #14 Str TC, PVC Ins, PVC Jkt
05-05-2023
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
9582 BELDEN-9582 Datasheet
139Kb / 2P
Electronic, 2 C #12 Sol BC, PVC Ins, Red PVC Jkt, FPLR
05-05-2023
8677 BELDEN-8677 Datasheet
153Kb / 2P
Electronic, 2 C #16 Str BC, PVC Ins
Product Description
8457 BELDEN-8457 Datasheet
221Kb / 2P
Electronic, 12 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8675 BELDEN-8675 Datasheet
153Kb / 2P
Electronic, 2 C #14 Str BC, PVC Ins
05-05-2023
9583 BELDEN-9583 Datasheet
145Kb / 2P
Electronic, 2 C #12 Sol BC, PVC Ins, OS, Red PVC Jkt, FPLR
05-05-2023
8622 BELDEN-8622 Datasheet
178Kb / 2P
Electronic, 12 C #16 Str TC, PVC Ins, PVC Jkt
01-20-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com