Electronic Components Datasheet Search
  English  ▼

X  

8734 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8734
Description  Electronic, 3 C #22 Str TC, PVC Ins, 1C w/ TC Brd, PVC Jkt, CM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8734 Datasheet(HTML) 1 Page - Belden Inc.

  8734 Datasheet HTML 1Page - Belden Inc. 8734 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8734
Electronic, 3 C #22 Str TC, PVC Ins, 1C w/ TC Brd, PVC Jkt, CM
Product Description
Electronic, 3 Conductor 22AWG (7x30) Tinned Copper, PVC Insulation, 1 Conductor w/ Tinned Copper Braid(80%) Shield, PVC Outer Jacket, CM
Technical Specifications
Product Overview
Suitable Applications:
low voltage analog signals (4-20ma, 0-10v, ...); low voltage control (24v, …); line level audio; voice communications; panel wiring
Construction Details
Conductor
Element
No. of Elements Size Stranding
Material
Conductor(s) 2
22
7x30
TC - Tinned Copper
Insulation
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
PVC - Polyvinyl Chloride 0.015 in (0.38 mm) 0.60 in (15 mm)
Black, Red, White
Inner Shield
Shield Type
Material
Coverage
Braid
Tinned Copper (TC) 80%
Outer Shield
Shield Type
Material
Coverage
Braid
Tinned Copper (TC) 90%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.025 in (0.64 mm) 0.194 in
Electrical Characteristics
Electricals
Nom. Conductor DCR
Max. Conductor DCR
Max. Current
10 Ohm/1000ft
15 Ohm/1000ft (49 Ohm/km) 2.9 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
60°C
-20°C To +60°C
Bend Radius


Similar Part No. - 8734

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
8734 MALLORY-8734 Datasheet
157Kb / 4P
MSD 2-Step Launch Control for Ford 4.6L/5.4L Mod Motors 99-On
logo
Molex Electronics Ltd.
87340-0413 MOLEX9-87340-0413 Datasheet
276Kb / 5P
2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount (Very Low Profile), TopEntry, without Locating Peg, 0.76關m (30關") Gold (Au) Plating, 4 Circuits, Lead-free
87340-0414 MOLEX9-87340-0414 Datasheet
276Kb / 5P
2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount (Very Low Profile), TopEntry, without Locating Peg, 0.38關m (15關") Gold (Au) Plating, 4 Circuits, Lead-free,Tube
87340-0423 MOLEX9-87340-0423 Datasheet
276Kb / 5P
2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount (Very Low Profile), Top Entry, with Locating Pegs, 0.76關m (30關) Gold (Au) Plating, 4 Circuits, Lead-free, Tube
87340-0424 MOLEX9-87340-0424 Datasheet
276Kb / 5P
2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount (Very Low Profile), TopEntry, with Locating Pegs, 0.38關m (15關") Gold (Au) Plating, 4 Circuits, Lead-free, Tube
More results

Similar Description - 8734

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8732 BELDEN-8732 Datasheet
164Kb / 2P
Electronic, 2 Pr #22 Str TC, PO Ins, 1Pr w/ TC Brd, PVC Jkt, CM
05-05-2023
8771 BELDEN-8771 Datasheet
194Kb / 2P
Electronic, 3 C #22 Str TC, PE Ins, OS, PVC Jkt, CM
04-19-2023
9963 BELDEN-9963 Datasheet
148Kb / 2P
Electronic, 3 C #20 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
01-20-2023
9965 BELDEN-9965 Datasheet
159Kb / 2P
Electronic, 1 C #22 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
8735 BELDEN-8735 Datasheet
156Kb / 2P
Electronic, 3 C #22 Str TC, PVC Ins, OA TC Brd, PVC Jkt, CMG
01-20-2023
9953 BELDEN-9953 Datasheet
148Kb / 2P
Electronic, 3 C #16 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
9967 BELDEN-9967 Datasheet
148Kb / 2P
Electronic, 3 C #22 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
8443 BELDEN-8443 Datasheet
177Kb / 2P
Electronic, 3 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9966 BELDEN-9966 Datasheet
146Kb / 2P
Electronic, 2 C #22 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
01-20-2023
9968 BELDEN-9968 Datasheet
161Kb / 2P
Electronic, 4 C #22 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com