Electronic Components Datasheet Search
  English  ▼

X  

9575 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9575
Description  Electronic, 2 C #16 Sol BC, PVC Ins, OS, Red PVC Jkt, FPLR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9575 Datasheet(HTML) 1 Page - Belden Inc.

  9575 Datasheet HTML 1Page - Belden Inc. 9575 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9575
Electronic, 2 C #16 Sol BC, PVC Ins, OS, Red PVC Jkt, FPLR
Product Description
Electronic, 2 Conductor 16AWG (Solid) Bare Copper, PVC Insulation, Overall Beldfoil® Shield, Red PVC Outer Jacket, FPLR
Technical Specifications
Product Overview
Suitable Applications:
fire alarms; indoor applications; low voltage analog signals (4-20ma, 0-10v, ...); low voltage control (24v, …)
Construction Details
Conductor
Element
No. of Elements Size Stranding
Material
Conductor(s) 2
16
Solid
BC - Bare Copper
Insulation
Material
Nom. Thickness
Nom. Insulation Diameter Color Code
PVC - Polyvinyl Chloride 0.016 in (0.41 mm) 0.048 in (1.2 mm)
Black, Red
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
22 AWG (7x30) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.036 in (0.91 mm) 0.241 in (6.12 mm)
Electrical Characteristics
Electricals
Nom. Conductor
DCR
Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield)
Max. Current
4.2 Ohm/1000ft
57.5 pF/ft (189 pF/m)
103.5 pF/ft (339.6 pF/m)
11 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
105°C
-40°C To +105°C
Bend Radius
Stationary Min.
Installation Min.
3.61 in (91.7 mm) 3.61 in (91.7 mm)
Max. Pull Tension:
80 lbs (36 kg)


Similar Part No. - 9575

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
9575 VBSEMI-9575 Datasheet
976Kb / 7P
P-Channel 4 0 V (D-S) MOSFET
logo
Keystone Electronics Co...
9575 KEYSTONE-9575 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
VBsemi Electronics Co.,...
9575AGJ VBSEMI-9575AGJ Datasheet
993Kb / 7P
P-Channel 60 V (D-S) MOSFET
9575AGJ-HF VBSEMI-9575AGJ-HF Datasheet
993Kb / 7P
P-Channel 60 V (D-S) MOSFET
9575GJ VBSEMI-9575GJ Datasheet
977Kb / 7P
P-Channel 4 0 V (D-S) MOSFET
More results

Similar Description - 9575

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8486 BELDEN-8486 Datasheet
157Kb / 2P
Electronic, 2 C #19 Sol BC, PVC Ins, PVC Jkt, CM
05-05-2023
9582 BELDEN-9582 Datasheet
139Kb / 2P
Electronic, 2 C #12 Sol BC, PVC Ins, Red PVC Jkt, FPLR
05-05-2023
9571 BELDEN-9571 Datasheet
138Kb / 2P
Electronic, 2 C #18 Sol BC, PVC Ins, Red PVC Jkt, FPLR
05-05-2023
9574 BELDEN-9574 Datasheet
145Kb / 2P
Electronic, 2 C #18 Sol BC, PVC Ins, OS, Red PVC Jkt, FPLR
05-05-2023
9581 BELDEN-9581 Datasheet
146Kb / 2P
Electronic, 2 C #14 Sol BC, PVC Ins, OS, Red PVC Jkt, FPLR
01-20-2023
9583 BELDEN-9583 Datasheet
145Kb / 2P
Electronic, 2 C #12 Sol BC, PVC Ins, OS, Red PVC Jkt, FPLR
05-05-2023
9578 BELDEN-9578 Datasheet
154Kb / 2P
Electronic, 4 C #18 Sol BC, PVC Ins, OS, Red PVC Jkt, FPLR
05-05-2023
9579 BELDEN-9579 Datasheet
155Kb / 2P
Electronic, 4 C #16 Sol BC, PVC Ins, OS, Red PVC Jkt, FPLR
05-05-2023
9572 BELDEN-9572 Datasheet
139Kb / 2P
Electronic, 2 C #16 Sol BC, PVC Ins, Red PVC Jkt, FPLR
04-14-2023
9580 BELDEN-9580 Datasheet
139Kb / 2P
Electronic, 2 C #14 Sol BC, PVC Ins, Red PVC Jkt, FPLR
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com