Electronic Components Datasheet Search
  English  ▼

X  

LTM4693 Datasheet(PDF) 20 Page - Analog Devices

Part # LTM4693
Description  Low VIN, Quad 8A Silent Switcher μModule Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4693 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTM4693 Datasheet HTML 16Page - Analog Devices LTM4693 Datasheet HTML 17Page - Analog Devices LTM4693 Datasheet HTML 18Page - Analog Devices LTM4693 Datasheet HTML 19Page - Analog Devices LTM4693 Datasheet HTML 20Page - Analog Devices LTM4693 Datasheet HTML 21Page - Analog Devices LTM4693 Datasheet HTML 22Page - Analog Devices LTM4693 Datasheet HTML 23Page - Analog Devices LTM4693 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTM4710-1
20
Rev. 0
For more information www.analog.com
Figure 19. 1V, 24A; 0.5V, 8A; Outputs from 2.5V to 5.5V Input
TYPICAL APPLICATION
PINS NOT SHOWN IN THIS CIRCUIT: SSTT, SW
47101 F19
VOUT1
1V, 24A
100 F
× 4
100kΩ
536kΩ
VIN1,2,3
VOSNS1
VOUT1,2,3
PG1,2,3
RT1
RT2
RT3
RUN1,2,3
COMP1a,2a,3a
COMP1b
LTM4710-1
22 F
× 4
VIN
2.5V TO
5.5V
MODE1
MODE2,3
FB1
FB2,3
PGOOD1,2,3
1.4MΩ
715kΩ
VIN
0Ω
OPT
OPT
OPT
(120° PHASE SHIFT)
(240° PHASE SHIFT)
(1.5MHz)
0Ω
OPT
OPT
OPT
10kΩ
VOUT2
0.5V, 8A
100 F
× 4
100k
VIN4
VOUT4
PG4
RT4
RUN4
COMP4a
COMP4b
AGND1,2,3,4
GND
22 F
× 4
VIN
2.5V TO
5.5V
MODE4
FB4
PGOOD4
VIN
MODE1
68pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com