Electronic Components Datasheet Search
  English  ▼

X  

LTM8065 Datasheet(PDF) 10 Page - Analog Devices

Part # LTM8065
Description  Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8065 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTM8065 Datasheet HTML 6Page - Analog Devices LTM8065 Datasheet HTML 7Page - Analog Devices LTM8065 Datasheet HTML 8Page - Analog Devices LTM8065 Datasheet HTML 9Page - Analog Devices LTM8065 Datasheet HTML 10Page - Analog Devices LTM8065 Datasheet HTML 11Page - Analog Devices LTM8065 Datasheet HTML 12Page - Analog Devices LTM8065 Datasheet HTML 13Page - Analog Devices LTM8065 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LTM4709
10
Rev. 0
For more information www.analog.com
OPERATION
The LTM4709 is a high-density, low voltage, triple 3A
μModule linear regulator that offers high PSRR, ultralow
noise, and ultrafast transient response. The device sup-
plies up to 9A output current with a typical dropout voltage
of 45mV. Output voltage noise of 1.3µVRMS (BW = 10Hz
to 100kHz) is achieved with no reference bypass capaci-
tor required. The power supply rejection ratio (PSRR) at
1MHz is 51dB at full load with 300mV difference between
input and output. The LTM4709’s high bandwidth
provides an ultrafast transient response that only requires
just a single ceramic output capacitor (10µF minimum),
saving bulk capacitance, PCB area, and cost. LTM4709
has the industry’s best performance of high-frequency
PSRR and low-frequency RMS noise at its current range
and provides 9A output current in a compact size with
outstanding thermal performance.
New generation of FPGA and ASIC processors place
stringent demands on the power supplies for the core,
ADCs, DACs, low noise amplifier, and transceiver chan-
nels. These applications require a power supply with a
fast transient response and low noise. The processor load
may change from near zero to a few amps in hundreds
of nanoseconds. Output voltage specifications, especially
in the 1V range, require tight tolerances on the transient
response. The supply voltages need to have low noise
and high bandwidth to achieve the low bit-error rates.
These requirements mandate the need for high current,
accurate, ultralow noise, ultrafast regulator operating at
low input and output voltages.
The LTM4709 is ideal for high-performance FPGAs,
microprocessors, noise-sensitive power supplies, and
high-current applications that operate over low input and
output voltages. Output voltage for the LTM4709 is dig-
itally selectable in 50mV increments from 0.5V to 1.2V;
100mV increments from 1.2V to 1.8V; and discrete levels
at 2V, 2.5V, 3V, 3.3V, and 4.2V. The LTM4709 provides a
precision output current monitor with ±2.4% accuracy at
3A per channel. Terminating the current monitor (IMON)
pin to GND with a resistor produces a voltage proportional
to the output current, which allows for the measurement
of the output current.
The LTM4709 incorporates a unique tracking function
which controls the output voltage of an upstream switch-
ing regulator powering the LTM4709’s input (see Figure 2
and Figure 3). This tracking function drives the upstream
switching regulator to maintain a constant voltage across
LTM4709. This input-to-output voltage control allows the
user to change the output voltage of LTM4709, maximize
the efficiency, and maintain the high PSRR performance.
The LTM4709’s architecture drives an internal N-channel
power MOSFET as a source follower. This configuration
permits a user to have an extremely low dropout, ultra-
fast transient response with excellent PSRR performance,
as well as providing significant cost savings on the PCB
and external components. LTM4709 internal protection
includes undervoltage lockout (UVLO), precision current
limiting with power foldback and thermal shutdown. The
LTM4709 is offered in a compact size of 6mm × 12mm
× 1.92mm. It offers excellent thermal performance
with less than 70°C junction temperature at 9A output
current and ambient temperature of 25°C (see Figure 5).
For applications where high ambient temperature (>70°C)
is required, the 150°C rated version of LTM4709 is
available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com