Electronic Components Datasheet Search
  English  ▼

X  

LTM8053 Datasheet(PDF) 20 Page - Analog Devices

Part # LTM8053
Description  Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8053 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTM8053 Datasheet HTML 16Page - Analog Devices LTM8053 Datasheet HTML 17Page - Analog Devices LTM8053 Datasheet HTML 18Page - Analog Devices LTM8053 Datasheet HTML 19Page - Analog Devices LTM8053 Datasheet HTML 20Page - Analog Devices LTM8053 Datasheet HTML 21Page - Analog Devices LTM8053 Datasheet HTML 22Page - Analog Devices LTM8053 Datasheet HTML 23Page - Analog Devices LTM8053 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
LTM4709
20
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
• Flood all unused areas on all layers with copper.
Flooding with copper will help release thermal stress.
Connect the copper areas to GND.
• Use solder mask defined round pads.
Figure 14 givesagoodexampleoftherecommended layout.
For a detailed recommended layout to optimize the low
noise and high PSRR performance, refer to the layout of
demo board DC3211A.
4709 F14
VIN2
VIN1
VIN3
COUT2
COUT1
COUT3
CIN2
CIN1
CIN3
VOUT2
VOUT1
VOUT3
A1
GND
GND
GND
GND
Figure 14. Recommended PCB Layout
Table 3. Output Voltage Response vs Component Matrix
COUT
VALUE
PART NUMBER
Murata
10μF, 6.3V, 1206, X7R
GRM31CR70J106K
Murata
22μF, 25V, 1206, X5R
GRM31CR61E226KE15L
VIN
(V)
VOUT
(V)
COUT
CERAMIC
(μF)
LOAD STEP
(A)
LOAD STEP
SLEW RATE
(A/μs)
P-P
DERIVATION (mV)
RECOVERY
TIME
(µs)
1.3
1
10
0.3 to 3
3
23
5
1.3
1
22
0.3 to 3
3
22
7
Safety Considerations
The LTM4709 μModule ICs do not provide galvanic
isolation from VIN to VOUT. There is no internal fuse. If
required, a slow blow fuse with a rating twice the maxi-
mum input current must be provided to protect each unit
from catastrophic failure. The device does support ther-
mal shutdown and short-circuit protection.
PCB Layout Checklist/Example
The high integration of LTM4709 makes the PCB board
layout very simple and easy. However, to optimize its
electrical and thermal performance, some layout consid-
erations are still necessary.
• Use large PCB copper areas for high current paths,
including VIN, GND and VOUT. It helps to minimize the
PCB conduction loss and thermal stress.
• Place high-frequency ceramic input and output capac-
itors next to the VIN, GND and VOUT pins to minimize
high-frequency noise.
• Place a dedicated power ground layer underneath
the unit.
• Use planes for VIN and VOUT to maintain good voltage
filtering and to keep power losses low.
• To minimize the via conduction loss and reduce module
thermal stress, use multiple vias for interconnection
between the top layer and other power layers.
• Do not put via directly on the pad unless they are
capped or plated over.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com