Electronic Components Datasheet Search
  English  ▼

X  

LTM4611 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM4611
Description  Low VIN, Quad 8A Silent Switcher μModule Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4611 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM4611 Datasheet HTML 8Page - Analog Devices LTM4611 Datasheet HTML 9Page - Analog Devices LTM4611 Datasheet HTML 10Page - Analog Devices LTM4611 Datasheet HTML 11Page - Analog Devices LTM4611 Datasheet HTML 12Page - Analog Devices LTM4611 Datasheet HTML 13Page - Analog Devices LTM4611 Datasheet HTML 14Page - Analog Devices LTM4611 Datasheet HTML 15Page - Analog Devices LTM4611 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTM4710-1
12
Rev. 0
For more information www.analog.com
The LTM4710-1 device is an inherently current mode-
controlled device, so that parallel modules will have very
good current sharing. This will balance the thermals on
all channels. Connect the RUN, COMP and PG pin of each
paralleling channel together and connect FB to VIN for
subordinary channels. Figure 17 shows an example of
parallel operation and pin connection.
Soft-Start/Output Voltage Tracking/
Temperature Monitoring
The SSTT pin function facilitates supply sequencing, lim-
its VIN inrush current and reduces start-up output over-
shoot. An internal 10µA charge up a capacitor on the SSTT
pin hence program the ramp rate of the output voltage.
SSTT pin can also be externally driven by another voltage
source. During the soft-start ramp, when the SSTT voltage
is below 0.5V, the output voltage will proportionally track
the SSTT pin voltage. When the SSTT voltage is above
0.5V, the SSTT pin will servo to a voltage proportional to
the LTM4710-1 die junction temperature (see Figure 2).
The SSTT capacitor is reset during shutdown, VIN UVLO
and over thermal shutdown.
0
DIE TEMP
(°C)
FB
(V)
150
0.1
125
75
0.6
0.3
100
50
0.5
25
0.4
0.2
0
0.5
1.5
0.6
1.6
0.3
1.3
47101 F02
1.7
0.4
1.4
0.2
1.2
0.1
SSTT (V)
TEMP
MONITOR
~4mV/°C
SSTT PIN VOLTAGE
OPERATING RANGE
SOFT-START
AND TRACKING
Figure 2. Soft-Start and Temperature Monitor Operation
The total soft-start time can be calculated with Equation 5.
tSS = CSS •
500mV
10µA
(5)
where CSS is the capacitance on the SSTT pin. FCM is
disabled during the soft-start process to prevent the
current from reversing.
A default 10nF soft-start cap is connected to SSTT1
inside the module, resulting in a 0.5ms default start-up
time on channel 1. The presence of this cap is to simplify
customers’ design in most cases.
Output Power Good
When the LTM4710-1’s output voltage is within the –2%
and +10% window of the nominal regulation voltage, the
output is considered good, and the open-drain PG pin
goes high impedance and is typically pulled high with an
external resistor. Otherwise, the internal pull-down device
will pull the PG pin low. To prevent glitching both the
upper and lower thresholds, include 1% of hysteresis as
well as a built-in time delay, typically 100μs. The PG pin is
also actively pulled low during fault conditions: RUN pin
is low, VIN is too low or in thermal shutdown.
For multiphase applications, the PG pin is used for com-
munication between the main and sub-ordinary phases.
Connect the PG pins together and pull-up to VIN or VOUT
with an external resistor. PG pins MUST be pulled higher
than 490mV.
Stability Compensation
The LTM4710-1 has already been internally optimized and
compensated for all output voltages and capacitor combi-
nations including all ceramic capacitor applications when
COMPb is tied to COMPa.
Table 10 is provided for most application requirements
using the optimized internal compensation. For applica-
tions that need to achieve high bandwidth control loop
compensation with enough phase margin, a 68pF feed-for-
ward capacitor is recommended from VOUT to VFB pin. For
specific optimized requirement, disconnect COMPb from
COMPa and apply a Type II C-R-C compensation network
from COMPa to AGND to achieve external compensation.
The LTpowerCAD design tool can be downloaded online to
perform specific control loop optimization and analyze the
control stability and load transient performance.
RUN Enable
The LTM4710-1 has a precision threshold RUN pin to
enable or disable the switching. When forced low, the
RUN pin puts the LTM4710-1 into a low current shutdown
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com