Electronic Components Datasheet Search
  English  ▼

X  

PUMH20 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PUMH20
Description  NPN/NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUMH20 Datasheet(HTML) 1 Page - NXP Semiconductors

  PUMH20 Datasheet HTML 1Page - NXP Semiconductors PUMH20 Datasheet HTML 2Page - NXP Semiconductors PUMH20 Datasheet HTML 3Page - NXP Semiconductors PUMH20 Datasheet HTML 4Page - NXP Semiconductors PUMH20 Datasheet HTML 5Page - NXP Semiconductors PUMH20 Datasheet HTML 6Page - NXP Semiconductors PUMH20 Datasheet HTML 7Page - NXP Semiconductors PUMH20 Datasheet HTML 8Page - NXP Semiconductors PUMH20 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1.
Product profile
1.1 General description
NPN/NPN resistor-equipped transistors.
1.2 Features
s Built-in bias resistors
s Simplifies circuit design
s Reduces component count
s Reduces pick and place costs
1.3 Applications
s Low current peripheral driver
s Control of IC inputs
s Replaces general-purpose transistors in digital applications
1.4 Quick reference data
PEMH20; PUMH20
NPN/NPN resistor-equipped transistors;
R1 = 2.2 k
Ω, R2 = 2.2 kΩ
Rev. 03 — 14 February 2005
Product data sheet
Table 1:
Product overview
Type number
Package
NPN/PNP
complement
PNP/PNP
complement
Philips
JEITA
PEMH20
SOT666
-
PEMD20
PEMB20
PUMH20
SOT363
SC-88
PUMD20
PUMB20
Table 2:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current (DC)
-
-
100
mA
R1
bias resistor 1 (input)
1.54
2.2
2.86
k
Ω
R2/R1
bias resistor ratio
0.8
1
1.2


Similar Part No. - PUMH20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMH20 PHILIPS-PUMH20 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PUMH20 NXP-PUMH20 Datasheet
283Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
Rev. 04-15 November 2009
logo
Nexperia B.V. All right...
PUMH20 NEXPERIA-PUMH20 Datasheet
283Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
Rev. 04 - 15 November 2009
More results

Similar Description - PUMH20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC123E PHILIPS-PDTC123E Datasheet
91Kb / 14P
NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
2004 Aug 06
PDTC123Y PHILIPS-PDTC123Y Datasheet
79Kb / 11P
NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 10 k-ohm
Rev. 03-24 March 2005
PDTC123E NXP-PDTC123E Datasheet
188Kb / 14P
NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
2004 Aug 06
PEMH20 NXP-PEMH20 Datasheet
283Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
Rev. 04-15 November 2009
PEMD10_PUMD10 PHILIPS-PEMD10_PUMD10_15 Datasheet
928Kb / 16P
NPN/PNP resistor-equipped transistors; R1 = 2.2 k?? R2 = 47 k?
Rev. 6-4 January 2012
PEMH10_PUMH10 PHILIPS-PEMH10_PUMH10_15 Datasheet
629Kb / 15P
NPN/NPN resistor-equipped transistors R1 = 2.2 k?? R2 = 47k?
Rev. 3-20 December 2011
PEMH20_PUMH20 PHILIPS-PEMH20_PUMH20_15 Datasheet
283Kb / 9P
NPN/NPN resistor-equipped transistors R1 = 2.2 k廓, R2 = 2.2 k廓
Rev. 04-15 November 2009
logo
Nexperia B.V. All right...
PDTC123EMB NEXPERIA-PDTC123EMB Datasheet
960Kb / 13P
NPN resistor-equipped transistor; R1 = 2.2 k廓, R2 = 2.2 k廓
PEMH10 NEXPERIA-PEMH10 Datasheet
912Kb / 16P
NPN/NPN resistor-equipped transistors; R1 = 2.2 k, R2 = 47k
Rev. 3 - 20 December 2011
PEMD10 NEXPERIA-PEMD10_V01 Datasheet
1Mb / 17P
NPN/PNP resistor-equipped transistors; R1 = 2.2 k, R2 = 47 k
Rev. 6 - 4 January 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com