Electronic Components Datasheet Search
  English  ▼

X  

AD8000 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8000
Description  1.5 GHz Ultrahigh Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8000 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8000 Datasheet HTML 3Page - Analog Devices AD8000 Datasheet HTML 4Page - Analog Devices AD8000 Datasheet HTML 5Page - Analog Devices AD8000 Datasheet HTML 6Page - Analog Devices AD8000 Datasheet HTML 7Page - Analog Devices AD8000 Datasheet HTML 8Page - Analog Devices AD8000 Datasheet HTML 9Page - Analog Devices AD8000 Datasheet HTML 10Page - Analog Devices AD8000 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8000
Rev. 0 | Page 7 of 20
FREQUENCY (MHz)
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
0.1
1
10
100
1000
RL = 1kΩ
G = +1
RF = 432Ω
VOUT = 200mV p-p
LFCSP
VS = +5V, RS = 0Ω
VS = ±5V, RS = 50Ω
VS = +5V, RS = 50Ω
VS = ±5V, RS = 0Ω
Figure 11. Small Signal Frequency Response vs. Supply Voltage
–9
–6
–3
0
3
6
9
FREQUENCY (MHz)
10
1
100
1000
RL = 150Ω
G = +1
RF = 432Ω
VOUT = 200mV p-p
LFCSP
VS = ±5V
VS = +5V
Figure 12. Small Signal Frequency Response vs. Supply Voltage
5.5
5.6
5.7
5.8
5.9
6.0
6.1
6.2
6.3
6.4
6.5
FREQUENCY (MHz)
1
100
10
VS = ±5V
RL = 150Ω
VOUT = 2V p-p
G = +2
RF = 432Ω
SOIC
LFCSP
Figure 13. 0.1 dB Flatness
–3
0
3
6
9
FREQUENCY (MHz)
10
1
100
1000
VS = ±5V
G = +2
RL = 150Ω
VOUT = 200mV p-p
LFCSP
–40
°C
+125
°C
+25
°C
Figure 14. Small Signal Frequency Response vs. Temperature
–3
0
3
6
9
FREQUENCY (MHz)
10
1
100
1000
VS = ±5V
G = +2
RL = 1kΩ
VOUT = 200mV p-p
LFCSP
–40
°C
+125
°C
+25
°C
Figure 15. Small Signal Frequency Response vs. Temperature
–3
0
3
6
9
FREQUENCY (MHz)
10
1
100
1000
VS = ±5V
G = +2
RL = 150Ω
VOUT = 2V p-p
LFCSP
+125
°C
+25
°C
–40
°C
Figure 16. Large Signal Frequency Response vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com