Electronic Components Datasheet Search
  English  ▼

X  

AD8143 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8143
Description  High Speed, Triple Differential Receiver with Comparators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8143 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8143 Datasheet HTML 16Page - Analog Devices AD8143 Datasheet HTML 17Page - Analog Devices AD8143 Datasheet HTML 18Page - Analog Devices AD8143 Datasheet HTML 19Page - Analog Devices AD8143 Datasheet HTML 20Page - Analog Devices AD8143 Datasheet HTML 21Page - Analog Devices AD8143 Datasheet HTML 22Page - Analog Devices AD8143 Datasheet HTML 23Page - Analog Devices AD8143 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD8143
Rev. 0 | Page 22 of 24
DRIVING A CAPACITIVE LOAD
The AD8143 typically drives either high impedance loads,
such as crosspoint switch inputs, or doubly terminated coaxial
cables. A gain of 1 is commonly used in the high impedance
case because the 6 dB transmission line termination loss is not
incurred. A gain of 2 is required when driving cables to
compensate for the 6 dB termination loss.
In all cases, the output must drive the parasitic capacitance
of the feedback loop, conservatively estimated to be 2 pF, in
addition to the capacitance presented by the actual load. When
driving a high impedance input, it is recommended that a small
series resistor be used to buffer the input capacitance of the
device being driven. Clearly, the resistor value must be small
enough to preserve the required bandwidth. In the ideal doubly
terminated cable case, the AD8143 output sees a purely resistive
load. In reality, there is some residual capacitance, and this is
buffered by the series termination resistor. Figure 46 illustrates
the high impedance case, and Figure 47 illustrates the cable-
driving case.
RS
CIN
RG
RF
+
–
0.01
μF
0.01
μF
+5V
–5V
FB
REF
VIN
Figure 46. Buffering the Input Capacitance of a High-Z Load
RS
CS
RG
RF
+
–
0.01
μF
0.01
μF
+5V
–5V
FB
REF
VIN
RL
Figure 47. Driving a Doubly Terminated Cable
Small and large signal frequency responses for the High-Z case
with a 40 Ω series resistor and 10 pF load capacitance are shown
in Figure 10 and Figure 13; transient responses for the same
conditions are shown in Figure 18 and Figure 21. In the cable
driving case shown in Figure 47, CS << 2 pF for a well-designed
circuit; therefore, the feedback loop capacitance is the dominant
capacitive load. The feedback loop capacitance is present for all
cases, and its effect is included in the data presented in the
Typical Performance Characteristics and Specifications tables.
POWER-DOWN
The power-down feature is intended to be used to reduce power
consumption when a particular device is not in use, and does
not place the output in a High-Z state when asserted. The
power-down feature is asserted when the voltage applied to the
power-down pin drops to approximately 2 V below the positive
supply. The AD8143 is enabled by pulling the power-down pin
to the positive supply.
COMPARATORS
In addition to general-purpose applications, the two on-chip
comparators can be used to receive differential digital information
or to decode video sync pulses from received common-mode
voltages. Built-in hysteresis helps to eliminate false triggers
from noise.
The comparator outputs are not designed to drive transmission
lines. When the signals detected by the comparators are driven
over cables or controlled impedance printed circuit board
traces, the comparator outputs must be fed to a spare logic gate,
FPGA, or other device that is capable of driving signals over
transmission lines.
An internal linear voltage regulator derives power for the
comparators from the positive supply; therefore, the AD8143
must always have a minimum positive supply voltage of 4.5 V.
SYNC PULSE EXTRACTION USING COMPARATORS
The AD8143 is particularly useful in keyboard video mouse
(KVM) applications. KVM networks transmit and receive
computer video signals, which are typically comprised of red,
green, and blue (RGB) video signals and separate horizontal
and vertical sync signals. Because the sync signals are separate
and not embedded in the color signals, it is advantageous to
transmit them using a simple scheme that encodes them among
the three common-mode voltages of the RGB signals. The
AD8134 triple differential driver is a natural complement to the
AD8143 and performs the sync pulse encoding with the
necessary circuitry on-chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com