Electronic Components Datasheet Search
  English  ▼

X  

AD8188 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8188
Description  350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8188 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8188 Datasheet HTML 5Page - Analog Devices AD8188 Datasheet HTML 6Page - Analog Devices AD8188 Datasheet HTML 7Page - Analog Devices AD8188 Datasheet HTML 8Page - Analog Devices AD8188 Datasheet HTML 9Page - Analog Devices AD8188 Datasheet HTML 10Page - Analog Devices AD8188 Datasheet HTML 11Page - Analog Devices AD8188 Datasheet HTML 12Page - Analog Devices AD8188 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8188/AD8189
Rev. 0 | Page 9 of 24
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
110
FREQUENCY (MHz)
100
THIRD
SECOND
Figure 17. AD8188 THD vs. Frequency, VOUT = 2 V p-p, RL = 150 Ω
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
0.01
1
0.1
100
10
FREQUENCY (MHz)
–PSRR
+PSRR
Figure 18. AD8188 PSRR vs. Frequency, RL = 150 Ω
20
18
16
14
12
10
8
6
4
2
0
0.01
1
0.1
10k
10
100
1k
FREQUENCY (MHz)
Figure 19. AD8188 Input Voltage Noise vs. Frequency
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
110
FREQUENCY (MHz)
100
THIRD
SECOND
Figure 20. AD8189 THD vs. Frequency, VOUT = 2 V p-p, RL = 150 Ω
0
–10
–20
–30
–40
–50
–60
–70
–80
0.01
1
0.1
100
10
FREQUENCY (MHz)
–PSRR
+PSRR
Figure 21. AD8189 PSRR vs. Frequency, RL = 150 Ω
20
18
16
14
12
10
8
6
4
2
0
0.01
1
0.1
10k
10
100
1k
FREQUENCY (MHz)
Figure 22. AD8189 Input Voltage Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com