Electronic Components Datasheet Search
  English  ▼

X  

AD8190 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8190
Description  2:1 HDMI/DVI Switch with Equalization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8190 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8190 Datasheet HTML 9Page - Analog Devices AD8190 Datasheet HTML 10Page - Analog Devices AD8190 Datasheet HTML 11Page - Analog Devices AD8190 Datasheet HTML 12Page - Analog Devices AD8190 Datasheet HTML 13Page - Analog Devices AD8190 Datasheet HTML 14Page - Analog Devices AD8190 Datasheet HTML 15Page - Analog Devices AD8190 Datasheet HTML 16Page - Analog Devices AD8190 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8190
Rev. 0 | Page 13 of 24
SWITCHING MODE
The AD8190 behaves like a 2:1 HDMI/DVI switch by imple-
menting a quad switching mode. In this mode, the user selects
the high speed source (A or B) that is routed to the output by
programming the HS_CH bit of the high speeds modes register
as shown in Table 7. The low speed auxiliary source (AUX_A or
AUX_B) that is routed to the common output is separately set
by programming the AUX_CH bit of the auxiliary device
register as shown in Table 9.
AUXILIARY LINES SWITCHING
The auxiliary (low speed) lines have no amplification. They are
routed using a passive switch that is bandwidth compatible with
standard speed I2C. The schematic equivalent for this passive
connection is shown in Figure 27.
AUX_COM0
AUX_A0
½CAUX
½CAUX
RAUX
Figure 27. Auxiliary Channel Simplified Schematic
Showing AUX_A0 to AUX_COM0 Routing
When turning off the AD8190, care needs to be taken with
the AMUXVCC supply to ensure that the auxiliary multiplexer
pins are in a high impedance state. A scenario that illustrates
this requirement is one where the auxiliary multiplexer is used
to switch the display data channel (DDC) bus. In some applica-
tions, additional devices can be connected to the DDC bus
(such as an EEPROM with EDID information) upstream of the
AD8190. Extended display identification data (EDID) is a VESA
standard-defined data format for conveying display configuration
information to sources to optimize display use. EDID devices
may need to be available via the DDC bus, regardless of the
state of the AD8190 and any downstream circuit. For this
configuration, the auxiliary inputs of the powered down
AD8190 need to be in a high impedance state to avoid pulling
down on the DDC lines and preventing these other devices
from using the bus.
When the AD8190 is powered from a simple resistor network,
as shown in Figure 28, it uses the 5 V supply that is required
from any HDMI/DVI source to guarantee high impedance of
the auxiliary multiplexer pins. The AMUXVCC supply does not
draw any static current; therefore, it is recommended that the
resistor network tap the 5 V supplies as close to the connectors
as possible to avoid any additional voltage drop.
This precaution does not need to be taken if the DDC
peripheral circuitry is connected to the bus downstream of
the AD8190.
PERIPHERAL
CIRCUITRY
PERIPHERAL
CIRCUITRY
10kΩ
10MΩ
AD8190
AMUXVCC
+5V INTERNAL
(IF ANY)
10kΩ
I < 50mA
I < 50mA
PIN 18 HDMI CONNECTOR
PIN 14 DVI CONNECTOR
PIN 18 HDMI CONNECTOR
PIN 14 DVI CONNECTOR
+5V
+5V
SOURCE A
SOURCE B
Figure 28. Suggested AMUXVCC Power Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com