Electronic Components Datasheet Search
  English  ▼

X  

MF72421 Datasheet(PDF) 2 Page - NHP Electrical Engineering Products

Part # MF72421
Description  METER M/F NEMO72LE RS485 MODBUS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NHP [NHP Electrical Engineering Products]
Direct Link  https://www.nhp.com.au/
Logo NHP - NHP Electrical Engineering Products

MF72421 Datasheet(HTML) 2 Page - NHP Electrical Engineering Products

  MF72421 Datasheet HTML 1Page - NHP Electrical Engineering Products MF72421 Datasheet HTML 2Page - NHP Electrical Engineering Products MF72421 Datasheet HTML 3Page - NHP Electrical Engineering Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Energy Management and Building Automation > Energy Management and Metering > Power and Multifunction Meters >
IME Power and Multifunction Meters > IME Multifunction Meters > Nemo 72-LE
METER M/F NEMO72LE + RS485 MODBUS
MF72421
Catalogue No:
Input Frequency, Max
Input Frequency, Min
Isn, Secondary Current, Rated
Isn, Secondary Current, Max
Input current (A)
Input Voltage, 1ph, min (rms)
Input Voltage, 1ph, max (rms)
Input Voltage, 3ph, min (rms)
Input Voltage, 3ph, max (rms)
Number of Outputs
Communication Protocol(s)
Details, Output(s)
Accuracy Class, Active
Accuracy Class, kWh, IEC 61557-12
Accuracy Class, kVARh, IEC 61557-12
Fuse Current Rating
Fuse Characteristic Type(s)
Accuracy Class, Reactive
Power Dissipation, Max
Current, Overload Capacity, Continuous
Current, Overload Capacity, 0.5s
Ui, Rated Insulation Voltage
Pollution Degree
Configuration Method
Connection Method
Password Protection
Mounting (Multiple)
Material, Body / Housing
Operating Temperature, Min
Operating Temperature, Max
Storage Temperature, Min
Storage Temperature, Max
Humidity Type
Installation Category
IP Rating, Front
IP Rating, Terminals
Width
Height
Depth
Weight
Standards Compliance
63 Hz
47 Hz
5 A
6 A max
5 A
50 V AC min (rms)
290 V AC max (rms)
80 V AC min (rms)
500 V AC max (rms)
3 qty
RS-485
Modbus RTU (Serial)
Modbus TCP (Ethernet)
Pulse Output (Optorelay w. potential-
free SPST-NO contact) + RS485
Modbus RTU/TCP
1
0.5 IEC 61557-12
1 IEC 61557-12
0.5 A
gG/gN
2
6.8 W
0.006 kA
0.1 kA
300 V (rms)
2
Keypad
CT connect
Yes
Flush Mount
Panel Mount
PC (Polycarbonate) material
-5 °C min
55 °C max
-25 °C min
70 °C max
Short-Term Condensation
III
IP54
IP20
72 mm
72 mm
81 mm
0.25 kg
EN 61010-1
EN 61000-6-3
EN 61000-6-2
EN 60529
EN 61557-12
IEC 61557-12
Page 2 of 3
10 October 2022,
1300 NHP NHP | nhp.com.au
|
0800 NHP NHP | nhp-nz.com
MF72421 Datasheet
NHP Electrical Engineering Products



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com