Electronic Components Datasheet Search
  English  ▼

X  

MFD4411 Datasheet(PDF) 2 Page - NHP Electrical Engineering Products

Part # MFD4411
Description  NEMO D4-LE PULSE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NHP [NHP Electrical Engineering Products]
Direct Link  https://www.nhp.com.au/
Logo NHP - NHP Electrical Engineering Products

MFD4411 Datasheet(HTML) 2 Page - NHP Electrical Engineering Products

  MFD4411 Datasheet HTML 1Page - NHP Electrical Engineering Products MFD4411 Datasheet HTML 2Page - NHP Electrical Engineering Products MFD4411 Datasheet HTML 3Page - NHP Electrical Engineering Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Energy Management and Building Automation > Energy Management and Metering > Power and Multifunction Meters >
IME Power and Multifunction Meters > IME Multifunction Meters > Nemo D4-LE
NEMO D4-LE PULSE
MFD4411
Catalogue No:
Input Frequency, Max
Input Frequency, Min
Accuracy, Voltage
Accuracy, Current
Accuracy, Frequency
Isn, Secondary Current, Rated
Isn, Secondary Current, Max
Input current (A)
Input Voltage, 1ph, min (rms)
Input Voltage, 1ph, max (rms)
Input Voltage, 3ph, min (rms)
Input Voltage, 3ph, max (rms)
Number of Outputs
Output Type
Accuracy Class, Active
Accuracy Class, kWh, IEC 61557-12
Accuracy Class, kVARh, IEC 61557-12
Accuracy Class, Reactive
Power Dissipation, Max
Current, Overload Capacity, Continuous
Current, Overload Capacity, 0.5s
Ui, Rated Insulation Voltage
Mounting
Pollution Degree
Configuration Method
Connection Method
Password Protection
Material, Body / Housing
Operating Temperature, Min
Operating Temperature, Max
Storage Temperature, Min
Storage Temperature, Max
Humidity Type
Installation Category
Terminal Type
IP Rating, Front
IP Rating, Terminals
Insulation Class
Width
Height
Depth
Weight
Standards Compliance
63 Hz
47 Hz
0.5 +/- %
0.5 +/- %
0.2 +/- Hz
5 A
6 A max
5 A
30 V AC min (rms)
260 V AC max (rms)
50 V AC min (rms)
450 V AC max (rms)
2 qty
Pulse Relay Output
0.5
0.5 IEC 61557-12
1 IEC 61557-12
2
6.8 W
0.006 kA
0.1 kA
300 V (rms)
DIN-35 Rail Mount
2
Keypad
CT connect
VT connect
Yes
PC (Polycarbonate) material
-5 °C min
55 °C max
-25 °C min
70 °C max
Short-Term Condensation
III
Screw Terminal(s)
IP52
IP20
III
70 mm
89.5 mm
65.6 mm
0.285 kg
EN 62053-21
IEC 62053-21
EN 62053-23
EN 61010-1
EN 61000-6-3
EN 61000-6-2
EN 60715
EN 60529
DIN 43880
Page 2 of 3
10 October 2022,
1300 NHP NHP | nhp.com.au
|
0800 NHP NHP | nhp-nz.com
MFD4411 Datasheet
NHP Electrical Engineering Products



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com