Electronic Components Datasheet Search
  English  ▼

X  

AD8335 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8335
Description  Quad Low Noise, Low Cost Variable Gain Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8335 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8335 Datasheet HTML 11Page - Analog Devices AD8335 Datasheet HTML 12Page - Analog Devices AD8335 Datasheet HTML 13Page - Analog Devices AD8335 Datasheet HTML 14Page - Analog Devices AD8335 Datasheet HTML 15Page - Analog Devices AD8335 Datasheet HTML 16Page - Analog Devices AD8335 Datasheet HTML 17Page - Analog Devices AD8335 Datasheet HTML 18Page - Analog Devices AD8335 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD8335
Rev. 0 | Page 15 of 24
TEST CIRCUITS
28
Ω
237
Ω
249
Ω
1:1
NETWORK ANALYZER
AD8335
18nF
22pF
50
Ω
IN
OUT
0.1
µF
237
Ω
28
Ω
0.1
µF
0.1
µF
50
Ω
49.9
Ω
0.1
µF
Figure 49. Test Circuit for Gain and Bandwidth Measurements
1:1
AD8335
22pF
0.1
µF
0.1
µF
0.1
µF
49
Ω
0.1
µF
IN
50
Ω
SPECTRUM
ANALYZER
Figure 50. Test Circuit Used for Noise Measurements
28
Ω
237
Ω
249
Ω
1:1
AD8335
18nF
22pF
0.1
µF
237
Ω
28
Ω
0.1
µF
0.1
µF
49.9
Ω
0.1
µF
50
Ω
IN
50
Ω
OSCILLOSCOPE
Figure 51. Test Circuit for Transient Measurements
28
Ω
237
Ω
249
Ω
1:1
NETWORK ANALYZER
AD8335
18nF
22pF
50
Ω
IN
OUT
0.1
µF
237
Ω
28
Ω
0.1
µF
0.1
µF
50
Ω
49.9
Ω
0.1
µF
50
Ω
50
Ω
Figure 52. Test Circuit Used for S11 Measurements
28
Ω
237
Ω
249
Ω
1:1
AD8335
18nF
22pF
0.1
µF
237
Ω
28
Ω
0.1
µF
0.1
µF
50
Ω
0.1
µF
50
Ω
IN
50
Ω
SPECTRUM
ANALYZER
LPF
SIGNAL
GENERATOR
Figure 53. Test Circuit Used for Distortion Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com