Electronic Components Datasheet Search
  English  ▼

X  

SM560 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # SM560
Description  Spread Spectrum Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SM560 Datasheet(HTML) 3 Page - Cypress Semiconductor

  SM560 Datasheet HTML 1Page - Cypress Semiconductor SM560 Datasheet HTML 2Page - Cypress Semiconductor SM560 Datasheet HTML 3Page - Cypress Semiconductor SM560 Datasheet HTML 4Page - Cypress Semiconductor SM560 Datasheet HTML 5Page - Cypress Semiconductor SM560 Datasheet HTML 6Page - Cypress Semiconductor SM560 Datasheet HTML 7Page - Cypress Semiconductor SM560 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SM560
Document #: 38-07020 Rev. *E
Page 3 of 8
Tri-level Logic
With binary logic, four states can be programmed with two
control lines, whereas Tri-level Logic can program nine logic
states using two control lines. Tri-level Logic in the SM560 is
implemented by defining a third logic state in addition to the
standard logic “1” and “0.” Pins 6 and 7 of the SM560
recognize a logic state by the voltage applied to the respective
pin. These states are defined as “0” (Low), “M” (Middle), and
“1” (One). Each of these states has a defined voltage range
that is interpreted by the SM560 as a “0,” “M,” or “1” logic state.
Refer to Table 2 for voltage ranges for each logic state. By
using two equal value resistors (typically 20K) the “M” state
can be easily programmed. Pins 6 or 7 can be tied directly to
ground or VDD for Logic “0” or “1” respectively.
VDD = 3.3 VDC
VDD = 3.3 VDC
VDD = 3.3 VDC
SM560
5
6
77
6
5
SM560
1.65 VDC
0 VDC
SM560
7
6
5
EX. 1
EX. 2
EX. 3
20K
20K
Figure 1.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com