Electronic Components Datasheet Search
  English  ▼

X  

AD8387 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8387
Description  High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8387 Datasheet(HTML) 2 Page - Analog Devices

  AD8387 Datasheet HTML 1Page - Analog Devices AD8387 Datasheet HTML 2Page - Analog Devices AD8387 Datasheet HTML 3Page - Analog Devices AD8387 Datasheet HTML 4Page - Analog Devices AD8387 Datasheet HTML 5Page - Analog Devices AD8387 Datasheet HTML 6Page - Analog Devices AD8387 Datasheet HTML 7Page - Analog Devices AD8387 Datasheet HTML 8Page - Analog Devices AD8387 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD8387
Rev. 0 | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
Exposed Paddle............................................................................. 5
Overload Protection..................................................................... 5
Maximum Power Dissipation ..................................................... 5
Operating Temperature Range ................................................... 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Typical Performance Characteristics ............................................. 8
Timing Diagrams.............................................................................. 9
Single Data Bus Configuration, DSW = LOW ......................... 9
Dual Data Bus Configuration, DSW = HIGH........................ 10
Functional Description .................................................................. 12
Reference and Control Input Description............................... 12
Theory of Operation ...................................................................... 13
Transfer Function and Analog Output Voltage...................... 13
Accuracy ...................................................................................... 13
Applications..................................................................................... 14
Optimized Reliability with the Thermal Switch .................... 14
Initial Power-Up After Assembly or Repair............................ 14
Power-Up During Normal Operation ..................................... 14
Power Supply Sequencing ......................................................... 14
Power-On Sequence................................................................... 14
Power-Off Sequence................................................................... 14
Grounded Output Mode During Power-Off .......................... 14
PCB Design for Optimized Thermal Performance ............... 14
Thermal Pad Design .................................................................. 15
Thermal via Structure Design .................................................. 15
AD8387 PCB Design Recommendations ............................... 15
Outline Dimensions ....................................................................... 16
Ordering Guide .......................................................................... 16
REVISION HISTORY
10/05—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com