Electronic Components Datasheet Search
  English  ▼

X  

AS7038RB Datasheet(PDF) 118 Page - ams AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7038RB Datasheet(HTML) 118 Page - ams AG

Back Button AS7038RB Datasheet HTML 114Page - ams AG AS7038RB Datasheet HTML 115Page - ams AG AS7038RB Datasheet HTML 116Page - ams AG AS7038RB Datasheet HTML 117Page - ams AG AS7038RB Datasheet HTML 118Page - ams AG AS7038RB Datasheet HTML 119Page - ams AG AS7038RB Datasheet HTML 120Page - ams AG AS7038RB Datasheet HTML 121Page - ams AG AS7038RB Datasheet HTML 122Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 117
Addr: 0xa1
STATUS2
Bit
Bit Name
Default
Access
Bit Description
0
irq_ecg_threshold
0
R_PUSH1
If programmed ecg_leadsdet_pol=0,
the ecg ADC value was below the
programmed ecg_threshold_low
setting
If programmed ecg_leadsdet_pol=1,
the ecg ADC value was above the
programmed ecg_threshold_high
setting
The STATUS2 register shows the current state of the interface. Some bits in here can trigger an
interrupt.
In normal mode, an asserted bit can be cleared by writing a '1' to it (in normal mode).
In clear-on-read mode, reading the STATUS2 register clears all bits.
CLIPSTATUS (Address 0xa2)
Figure 164:
CLIPSTATUS Register
Addr: 0xa2
CLIPSTATUS
Bit
Bit Name
Default
Access
Bit Description
7:4
Not used
0
RO
Not used
3
pd_clipdetect_l
0
RO
If this bit is asserted, photo diode
amplifier has been below the lower
threshold
2
pd_clipdetect_h
0
RO
If this bit is asserted, photo diode
amplifier has been above the upper
threshold
1
sd_clipdetect_l
0
RO
If this bit is asserted, photo diode
amplifier has been below the lower
threshold
0
sd_clipdetect_h
0
RO
If this bit is asserted, photo diode
amplifier has been above the upper
threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com