Electronic Components Datasheet Search
  English  ▼

X  

AS7038RB Datasheet(PDF) 121 Page - ams AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7038RB Datasheet(HTML) 121 Page - ams AG

Back Button AS7038RB Datasheet HTML 117Page - ams AG AS7038RB Datasheet HTML 118Page - ams AG AS7038RB Datasheet HTML 119Page - ams AG AS7038RB Datasheet HTML 120Page - ams AG AS7038RB Datasheet HTML 121Page - ams AG AS7038RB Datasheet HTML 122Page - ams AG AS7038RB Datasheet HTML 123Page - ams AG AS7038RB Datasheet HTML 124Page - ams AG AS7038RB Datasheet HTML 125Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 120
Addr: 0xaa
INTR
Bit
Bit Name
Default
Access
Bit Description
3
irq_adc_threshold_intr
0
RO
2
irq_ltf_intr
0
RO
1
irq_sequencer_intr
0
RO
0
irq_adc_intr
0
RO
The INTR registers shows the bit or bits that are responsible for an asserted interrupt. Effectively,
these bits are OR-ed together to drive the interrupt pin INT low (open drain output).
INTR2 (Address 0xab)
Figure 169:
INTR2 Register
Addr: 0xab
INTR2
Bit
Bit Name
Default
Access
Bit Description
7:3
Not used
0
RO
Not used
2
irq_ltf_threshold_high_intr
0
RO
ltf_treshold_high in ltf0or/and ltf1
1
irq_ltf_threshold_low_intr
0
RO
ltf_treshold_low in ltf0or/and ltf1
0
irq_ecg_threshold_intr
0
RO
ecg_treshold_high or
ecg_treshold_low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com