Electronic Components Datasheet Search
  English  ▼

X  

CMV8000 Datasheet(PDF) 21 Page - ams AG

Part # CMV8000
Description  8MP CMOS Machine Vision Image Sensor
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CMV8000 Datasheet(HTML) 21 Page - ams AG

Back Button CMV8000 Datasheet HTML 17Page - ams AG CMV8000 Datasheet HTML 18Page - ams AG CMV8000 Datasheet HTML 19Page - ams AG CMV8000 Datasheet HTML 20Page - ams AG CMV8000 Datasheet HTML 21Page - ams AG CMV8000 Datasheet HTML 22Page - ams AG CMV8000 Datasheet HTML 23Page - ams AG CMV8000 Datasheet HTML 24Page - ams AG CMV8000 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
Document Feedback
CMV8000
Functional Description
Preliminary Datasheet
• PUBLIC
DS000609
• v1-00 • 2019-Jun-12
89
│ 20
7.1.2
Analog Front End
The analog front-end (AFE) consists of two major parts: a column amplifier block and a column ADC
block.
The column amplifier prepares the pixel signal for the column ADC and applies an analog gain,
programmable through the serial interface.
The column ADC converts the analog pixel value to a 10-bit or 12-bit value. A digital offset can also be
applied to the output of the column ADCs.
7.1.3
DPP
The digital data block performs some operations on the digitized pixel data such as digital gain and
digital offset adjustment.
7.1.4
LVDS Block
The LVDS block and serializer convert digital pixel data into standard serial LVDS data running at a
maximum of 600 Mbps. The sensor has 18 LVDS output pairs.
●
16 data channels
●
1 control channel
●
1 clock channel
The 16 data channels are used to transfer 10-bit or 12-bit words of pixel data from sensor to receiver.
The output clock channel is a DDR clock, synchronous to the data on the other LVDS channels. This
clock should be used at the receiving end to sample the data. The control channel contains the sync
codes for the data channels (DVAL, LVAL, FVAL) and other useful information about the sensor
status, such as the integration pulse.
As LVDS is a differential interface, it requires impedance matched traces and a parallel termination at
the receiver side. On the sensor input clock IN_LCLK_P (pin T1) and IN_LCLK_N (pin U2), an
external 100
Ω resistor should be added. In the same manner, all the LVDS outputs should be
terminated at the FPGA side. See the TIA/EIA-644A standard for more details.
7.1.5
Sequencer
The on-chip sequencer will generate all required control signals to operate the sensor from only a few
external control clocks. This sequencer can be activated and programmed through the SPI interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com