Electronic Components Datasheet Search
  English  ▼

X  

AD8613 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8613
Description  Low Cost Micropower, Low Noise CMOS Rail-to- Rail, Input/Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8613 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8613 Datasheet HTML 4Page - Analog Devices AD8613 Datasheet HTML 5Page - Analog Devices AD8613 Datasheet HTML 6Page - Analog Devices AD8613 Datasheet HTML 7Page - Analog Devices AD8613 Datasheet HTML 8Page - Analog Devices AD8613 Datasheet HTML 9Page - Analog Devices AD8613 Datasheet HTML 10Page - Analog Devices AD8613 Datasheet HTML 11Page - Analog Devices AD8613 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8613/AD8617/AD8619
Rev. B | Page 8 of 16
1k
0
100
1M
FREQUENCY (Hz)
1k
10k
100k
100
10
1
VSY = 5V AND 1.8V
AV = 10
AV = 1
AV = 100
Figure 18. Closed-Loop Output Impedance vs. Frequency
50
0
10
1000
LOAD CAPACITANCE (pF)
–OS
+OS
100
45
40
35
30
25
20
15
10
5
VSY = 5V
TA = 25°C
Figure 19. Small Signal Overshoot vs. Load Capacitance
TIME (4
μs/DIV)
VSY = 5V, 2.7V, 1.8V
AV = 1
RL = 10kΩ
CL = 200pF
Figure 20. Small Signal Transient Response
TIME (20
μs/DIV)
VSY = 5V
AV = 1
RL = 10kΩ
CL = 200pF
Figure 21. Large Signal Transient Response
TIME (20
μs/DIV)
VSY = ±2.5V
AV = –50
–2.5
0
0
100
Figure 22. Positive Overload Recovery
TIME (20
μs/DIV)
VSY = ±2.5V
AV = –50
0
2.5
–100
0
Figure 23. Negative Overload Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com