Electronic Components Datasheet Search
  English  ▼

X  

AD8655 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8655
Description  Low Noise, Precision CMOS Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8655 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8655 Datasheet HTML 8Page - Analog Devices AD8655 Datasheet HTML 9Page - Analog Devices AD8655 Datasheet HTML 10Page - Analog Devices AD8655 Datasheet HTML 11Page - Analog Devices AD8655 Datasheet HTML 12Page - Analog Devices AD8655 Datasheet HTML 13Page - Analog Devices AD8655 Datasheet HTML 14Page - Analog Devices AD8655 Datasheet HTML 15Page - Analog Devices AD8655 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8655/AD8656
Rev. A | Page 12 of 20
35
30
25
20
15
10
5
0
0
50
100
150
200
250
300
350
CAPACITANCE (pF)
VS = ±1.35V
VIN = 200mV
–OS
+OS
T
2
VS = ±1.35V
G = +1
CL = 50pF
VIN
VOUT
20
μs/DIV
Figure 44. Small Signal Overshoot vs. Load Capacitance
Figure 41. No Phase Reversal
400ns/DIV
T
1
2
VS = ±1.35V
VIN = 200mV
GAIN = –10
RECOVERY TIME = 180ns
200mV
0V
0V
–1.35V
VIN
VOUT
T
2
VS = ±1.35V
CL = 50pF
GAIN = +1
TIME (10
μs/DIV)
Figure 42. Large Signal Response
Figure 45. Negative Overload Recovery Time
T
1
2
VS = ±1.35V
VIN = 200mV
GAIN = –10
RECOVERY TIME = 200ns
0V
–200mV
1.35V
0V
400ns/DIV
VIN
VOUT
2
T
VS = ±1.35V
CL = 100pF
GAIN = +1
TIME (1
μs/DIV)
Figure 43. Small Signal Response
Figure 46. Positive Overload Recovery Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com