Electronic Components Datasheet Search
  English  ▼

X  

AD8655ARZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8655ARZ
Description  Low Noise, Precision CMOS Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8655ARZ Datasheet(HTML) 5 Page - Analog Devices

  AD8655ARZ Datasheet HTML 1Page - Analog Devices AD8655ARZ Datasheet HTML 2Page - Analog Devices AD8655ARZ Datasheet HTML 3Page - Analog Devices AD8655ARZ Datasheet HTML 4Page - Analog Devices AD8655ARZ Datasheet HTML 5Page - Analog Devices AD8655ARZ Datasheet HTML 6Page - Analog Devices AD8655ARZ Datasheet HTML 7Page - Analog Devices AD8655ARZ Datasheet HTML 8Page - Analog Devices AD8655ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD8655/AD8656
Rev. A | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
VSS − 0.3 V to VDD + 0.3 V
Differential Input Voltage
±6 V
Indefinite
Output Short-Circuit Duration
to GND
Electrostatic Discharge (HBM)
3.0 kV
Table 4.
−65°C to +150°C
Storage Temperature Range
R, RM Packages
θ
θ
Package Type
Unit
JA
1
JC
Junction Temperature Range
R, RM Packages
−65°C to +150°C
8-Lead MSOP (RM)
210
45
°C/W
8-Lead SOIC (R)
158
43
°C/W
260°C
Lead Temperature
(Soldering, 10 sec)
1θJA is specified for worst-case conditions; that is, θJA is specified for a device
soldered in the circuit board for surface-mount packages.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com