Electronic Components Datasheet Search
  English  ▼

X  

AD8691 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8691
Description  Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8691 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8691 Datasheet HTML 4Page - Analog Devices AD8691 Datasheet HTML 5Page - Analog Devices AD8691 Datasheet HTML 6Page - Analog Devices AD8691 Datasheet HTML 7Page - Analog Devices AD8691 Datasheet HTML 8Page - Analog Devices AD8691 Datasheet HTML 9Page - Analog Devices AD8691 Datasheet HTML 10Page - Analog Devices AD8691 Datasheet HTML 11Page - Analog Devices AD8691 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD8691/AD8692/AD8694
Rev. 0 | Page 12 of 12
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8691AUJZ-R2
1
−40°C to +125°C
5-Lead TSOT
UJ-5
ACA
AD8691AUJZ-REEL
1
−40°C to +125°C
5-Lead TSOT
UJ-5
ACA
AD8691AUJZ-REEL7
1
−40°C to +125°C
5-Lead TSOT
UJ-5
ACA
AD8691AKSZ-R2
1
−40°C to +125°C
5-Lead SC70
KS-5
ACA
AD8691AKSZ-REEL
1
−40°C to +125°C
5-Lead SC70
KS-5
ACA
AD8691AKSZ-REEL7
1
−40°C to +125°C
5-Lead SC70
KS-5
ACA
AD8692ARMZ-R21
−40°C to +125°C
8-Lead MSOP
RM-8
APA
AD8692ARMZ-REEL
1
−40°C to +125°C
8-Lead MSOP
RM-8
APA
AD8692ARZ
1
−40°C to +125°C
8-Lead SOIC
R-8
AD8692ARZ-REEL
1
−40°C to +125°C
8-Lead SOIC
R-8
AD8692ARZ-REEL7
1
−40°C to +125°C
8-Lead SOIC
R-8
AD8694ARUZ
1
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8694ARUZ-REEL
1
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8694ARZ
1
−40°C to +125°C
14-Lead SOIC
R-14
AD8694ARZ-REEL
1
−40°C to +125°C
14-Lead SOIC
R-14
AD8694ARZ-REEL7
1
−40°C to +125°C
14-Lead SOIC
R-14
1 Z = Pb-free part.
© 2005 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D04991–0–3/05(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com