Electronic Components Datasheet Search
  English  ▼

X  

AM400 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # AM400
Description  UNIVERSAL AMPLIFIER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM400 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

Back Button AM400 Datasheet HTML 2Page - WOLFSPEED, INC. AM400 Datasheet HTML 3Page - WOLFSPEED, INC. AM400 Datasheet HTML 4Page - WOLFSPEED, INC. AM400 Datasheet HTML 5Page - WOLFSPEED, INC. AM400 Datasheet HTML 6Page - WOLFSPEED, INC. AM400 Datasheet HTML 7Page - WOLFSPEED, INC. AM400 Datasheet HTML 8Page - WOLFSPEED, INC. AM400 Datasheet HTML 9Page - WOLFSPEED, INC. AM400 Datasheet HTML 10Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
UNIVERSAL AMPLIFIER IC
AM400
analog microelectronics
October 2005
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
6/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev.: 4.2
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
V/I Converter
Internal Gain
GVI
0,120
0.125
0,130
Trim Range
Adjustable by R0
0.75
1.00
1.25
Voltage Range at R0 FS
VR0FS
350
750
mV
Offset Voltage
VOS
βF ≥ 100
±2
±4
mV
VOS vs. Temperature
dVOS/dT
βF ≥ 100
±7
±14
µV/°C
Input Resistance
RIN
120
160
k
Ω
RIN vs. Temperature
dRIN/dT
0.2
0.3
k
Ω/°C
Output Offset Current
IOUTOS
3-wire operation
–25
–35
µA
IOUTOS vs. Temperature
dIOUTOS/dT
3-wire operation
16
26
nA/°C
Output Offset Current
IOUTOS
2-wire operation
9.5
14
µA
IOUTOS vs. Temperature
dIOUTOS/dT
2-wire operation
6
8
nA/°C
Output Control Current
IOUTC
2-wire operation, VR0/100mV
6
8
µA
IOUTC vs. Temperature
dIOUTC/dT
2-wire operation
–10
–15
nA/°C
Output Voltage Range
VOUT
VOUT = RL IOUT, VCC < 18V
0
VCC – 6
V
VOUT
VOUT = RL IOUT, VCC ≥ 18V
0
12
V
Output Current Range FS
IOUTFS
IOUT = VR0/R0, 3-wire operation
20
mA
Output Resistance
ROUT
0.5
1.0
M
Ω
Load Capacitance
CL
0
500
nF
SET Stage
Internal Gain
GSET
0.5
Input Voltage
VSET
0
1.15
V
Offset Voltage
VOS
±0.5
±1.5
mV
VOS vs. Temperature
dVOS/dT
±1.6
±5
µV/°C
Input Bias Current
IB
8
20
nA
IB vs. Temperature
dIB/dT
7
18
pA/°C
Protection Functions
Voltage Limitation at R0
VLIMR0
VR0 = VIN GI, SET = GND
Only if OP2 and V/I-Converter are
connected
VREF/8
mV
VLIMR0
VIN = 0, VR0 = VSET/2
580
635
690
mV
Protection against reverse polarity
Ground vs. VS vs. VOUT
35
V
Ground vs. VS vs. IOUT
35
V
Current in case of reverse polarity
Ground = 35V, VS = IOUT = 0
4.5
mA
System Parameters
Nonlinearity
Ideal input
0.05
0.15
%FS
* In 2-wire operation a maximum current of IOUTmin – ICC is valid
** Only available in die form or in an SSOP 20 version
*** Depending on external load resistance at output IA (RLIA ≤ 10kΩ ⇒ VOUTIA < 3mV); internal load resistance is ≈ 100kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com