Electronic Components Datasheet Search
  English  ▼

X  

AM401 Datasheet(PDF) 19 Page - WOLFSPEED, INC.

Part # AM401
Description  INDUSTRIAL VOLTAGE AMPLIFIER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM401 Datasheet(HTML) 19 Page - WOLFSPEED, INC.

Back Button AM401 Datasheet HTML 13Page - WOLFSPEED, INC. AM401 Datasheet HTML 14Page - WOLFSPEED, INC. AM401 Datasheet HTML 15Page - WOLFSPEED, INC. AM401 Datasheet HTML 16Page - WOLFSPEED, INC. AM401 Datasheet HTML 17Page - WOLFSPEED, INC. AM401 Datasheet HTML 18Page - WOLFSPEED, INC. AM401 Datasheet HTML 19Page - WOLFSPEED, INC. AM401 Datasheet HTML 20Page - WOLFSPEED, INC. AM401 Datasheet HTML 21Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
INDUSTRIAL VOLTAGE AMPLIFIER IC
AM401
analog microelectronics
Mars 2006
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
19/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.3
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
EXAMPLE APPLICATIONS
• Application as a voltage converter [3]
• Application as an amplifier IC and impedance converter
• Application as a processor interface
AM401
V=6...35V
CC
0...V -5V
(adjustable)
e.g. 0..5/10V
CC
Protection against
short circuiting and
reverse polarity
Single-ended signal
0...V -5V
CC
Figure 12:
Application as a voltage converter for signals referenced to ground
V =6...35V
CC
0...V -5V
(adjustable)
e.g. 0..5/10V
CC
Protection against
short circuiting and
reverse polarity
AM401
I=1,5mA
Figure 13:
Application as an amplifier IC and impedance converter for differential signals
V=6...35V
CC
0...V -5V
(adjustable)
e.g. 0..5/10V
CC
Protection against
short circuiting and
reverse polarity
AM401
VREF=5/10V
D
A
Figure 14:
Application as a processor interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com