Electronic Components Datasheet Search
  English  ▼

X  

AM460 Datasheet(PDF) 10 Page - WOLFSPEED, INC.

Part # AM460
Description  Industrial Converter and Protector IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM460 Datasheet(HTML) 10 Page - WOLFSPEED, INC.

Back Button AM460 Datasheet HTML 6Page - WOLFSPEED, INC. AM460 Datasheet HTML 7Page - WOLFSPEED, INC. AM460 Datasheet HTML 8Page - WOLFSPEED, INC. AM460 Datasheet HTML 9Page - WOLFSPEED, INC. AM460 Datasheet HTML 10Page - WOLFSPEED, INC. AM460 Datasheet HTML 11Page - WOLFSPEED, INC. AM460 Datasheet HTML 12Page - WOLFSPEED, INC. AM460 Datasheet HTML 13Page - WOLFSPEED, INC. AM460 Datasheet HTML 14Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Industrial Converter and Protector IC
AM460
analog microelectronics
April 2003
10/18
• When using current output pin IOUT (in conjunction with the external transistor) the value of V
S is depend-
ent on that of the relevant load resistor RL (max. 600Ω) used by the application. The minimum system sup-
ply voltage VS is then:
min
max
CC
L
OUT
S
V
R
I
V
+
≥
(10)
Here, IOUTmax stands for the maximum output current and VCCmin for the minimum IC supply voltage which is
dependent on the selected reference voltage:
V
1
min
+
≥
REF
CC
V
V
(11)
The working range resulting from Equation 10 is described in Figure 4. Example calculations and typical values
for the external components can be found in the example applications from page 12 onwards.
Connecting OP2 as a current source
The additional operational amplifier OP2 can easily be connected up as a constant current source. Using the cir-
V
S [V]
R
L [Ω]
6
35
V
CCmin
= 6V
R
Lmax
= 600Ω
I
OUTmax = 20mA
18
R
VV
I
L
SCCmin
OUTmax
≤
−
24
12
600
Operating range
0
300
0
Figure 4: Working range in conjunction with the load resistor
V
BG
AM460
OP2
1
R
SET
OP2 connected as current source
2
I
S
Figure 5: Connecting up a constant current source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com