Electronic Components Datasheet Search
  English  ▼

X  

AMS4710 Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # AMS4710
Description  Miniaturized pressure transmitter with analog 0 ... 10 V output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AMS4710 Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  AMS4710 Datasheet HTML 1Page - WOLFSPEED, INC. AMS4710 Datasheet HTML 2Page - WOLFSPEED, INC. AMS4710 Datasheet HTML 3Page - WOLFSPEED, INC. AMS4710 Datasheet HTML 4Page - WOLFSPEED, INC. AMS4710 Datasheet HTML 5Page - WOLFSPEED, INC. AMS4710 Datasheet HTML 6Page - WOLFSPEED, INC. AMS4710 Datasheet HTML 7Page - WOLFSPEED, INC. AMS4710 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AMS 4710
Miniaturized pressure transmitter with analog 0 ... 10 V output
March 2020 - Rev. 1.0, preliminary
Page 2/8
www.analog-micro.com
PRESSURE RANGES
Pressure transmitter type
(code)
Pressure type
Pressure
range
in mbar
Burst
pressure
1)
in bar
Pressure
range
in PSI
Burst
pressure
1)
in PSI
Ultra low pressure ranges
AMS 4710-0005-D
differential / relative
0 ... +5
> 0.2
0 ... 0.073
> 3
AMS 4710-0010-D
differential / relative
0 ... 10
> 0.2
0 ... 0.145
> 3
AMS 4710-0005-D-B
bidirectional differential
-5 ... +5
> 0.2
-0.073 ... +0.073
> 3
AMS 4710-0010-D-B
bidirectional differential
-10 ... +10
> 0.2
-0.145 ... +0.145
> 3
Low pressure ranges
AMS 4710-0020-D
differential / relative
0 ... 20
> 0.4
0 ... 0.290
> 6
AMS 4710-0050-D
differential / relative
0 ... 50
> 1
0 ... 0.725
> 15
AMS 4710-0100-D
differential / relative
0 ... 100
> 1
0 ... 1.450
> 15
AMS 4710-0020-D-B
bidirectional differential
-20 ... +20
> 0.4
-0.290 ... +0.290
> 6
AMS 4710-0050-D-B
bidirectional differential
-50 ... +50
> 1
-0.725 ... +0.725
> 15
AMS 4710-0100-D-B
bidirectional differential
-100 ... +100
> 1
-1.450 ... +1.450
> 15
Standard pressure ranges
AMS 4710-0200-D
differential / relative
0 ... 200
> 5
0 ... 2.901
> 72
AMS 4710-0350-D
differential / relative
0 ... 350
> 5
0 ... 5.076
> 72
AMS 4710-0500-D
differential / relative
0 ... 500
> 5
0 ... 7.251
> 72
AMS 4710-1000-D
differential / relative
0 ... 1000
> 5
0 ... 14.50
> 72
AMS 4710-2000-D
differential / relative
0 ... 2000
> 5
0 ... 29.01
> 72
AMS 4710-0200-D-B
bidirectional differential
-200 ... +200
> 5
-2.901 ... +2.901
> 72
AMS 4710-0350-D-B
bidirectional differential
-350 ... +350
> 5
-5.076 ... +5.076
> 72
AMS 4710-1000-D-B
bidirectional differential
-1000 ... +1000
> 5
-14.50 ... +14.50
> 72
AMS 4710-1000-A
absolute
0 ... 1000
> 5
0 ... 14.50
> 72
AMS 4710-2000-A
absolute
0 ... 2000
> 5
0 ... 29.010
> 72
AMS 4710-1200-B
barometric
700 ... 1200
> 5
10.15 ... 17.40
> 72
Table 1: AMS 4710 standard pressure ranges (other ranges on request)
Notes:
1)
Burst pressure is defined as the maximum pressure, which can be applied to one pressure port relative to the
other port (or while only one pressure port is connected) without causing damages / leaks.
MAXIMUM RATINGS
Parameter
Minimum
Typical
Maximum
Units
Absolute maximum supply voltage: Vmax
36
V
Operating and storage temperature: T
-25
85
°C
Common mode pressure: pCM
1)
5
bar
Table 2: Maximum ratings
Notes:
1) Common mode pressure is defined as the maximum pressure, which can be applied simultaneously on both pressure
ports of a differential or bidirectional pressure sensor module without causing damages, while no differential pressure
is applied.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com