Electronic Components Datasheet Search
  English  ▼

X  

AD9237 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9237
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9237 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9237 Datasheet HTML 20Page - Analog Devices AD9237 Datasheet HTML 21Page - Analog Devices AD9237 Datasheet HTML 22Page - Analog Devices AD9237 Datasheet HTML 23Page - Analog Devices AD9237 Datasheet HTML 24Page - Analog Devices AD9237 Datasheet HTML 25Page - Analog Devices AD9237 Datasheet HTML 26Page - Analog Devices AD9237 Datasheet HTML 27Page - Analog Devices AD9237 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
AD9237
Rev. 0 | Page 27 of 28
Table 12. LFCSP Evaluation Board Bill of Materials
Item Qty. Omit1 Reference Designator
Device
Package
Value
Recommended Vendor/
Part Number
Supplied
by ADI
18
C1, C5, C7, C8, C9, C11, C12,
C13, C15, C16, C31, C33, C34,
C36, C37, C41, C43, C47
1
9
C6, C17, C18, C27, C28,
C35, C42, C44, C45
Chip Capacitors
0603
0.1 μF
8
C2, C3, C4, C10, C20,
C22, C25, C29
2
2
C24, C46
Tantalum Capacitors
TAJD
10 μF
3
8
C14, C30, C32,
C38, C39, C40, C48, C49
Chip Capacitors
0603
0.001 μF
4
1
C19
Chip Capacitor
0603
15 pF
1
C26
5
2
C21, C23
Chip Capacitors
0603
10 pF
41
E2 to E36, E43, E44, E50 to E53
2
E1, E45
EHOLE
6
4
H1, H2, H3, H4
Headers
MTHOLE
Jumper Blocks
S1031-02-ND
7
2
J1, J2
SMA Connectors/50 Ω
SMA
8
1
L1
Inductor
0603
10 nH
Coilcraft/0603CS-10NXGBU
9
1
P2
Terminal Block
TB6
Wieland/25.602.2653.0,
z5-530-0625-0
10
1
P12
Header, Dual
20-Pin RT Angle
HEADER40
Digi-Key S2131-20-ND
5
R3, R12, R23, R28, Rx
11
6
R16, R17, R22, R27, R37, R42
Chip Resistors
0603
0 Ω
12
2
R4, R15
Chip Resistors
0603
33 Ω
19
R5 to R8, R13, R20, R21,
R24 to R26, R30 to R32, R36,
R43 to R47
13
2
R38, R39
Chip Resistors
0603
1 kΩ
14
2
R10, R11
Chip Resistors
0603
36 Ω
1
R29
15
1
R19
Chip Resistors
0603
50 Ω
16
2
RP1, RP2
Resistor Pack
R_742
220 Ω
Digi-Key
CTS/742C163220JTR
17
1
T1
ADT1-1WT
AWT1-1T
Mini-Circuits
18
1
U1
74LVTH162374
CMOS Register
TSSOP-48
19
1
U4
AD9237BCP ADC (DUT)
LFCSP-32
Analog Devices, Inc.
X
20
1
U5
74VCX86M
SOIC-14
Fairchild
21
1
PCB
AD92XXBCP/PCB
PCB
Analog Devices, Inc.
X
22
1
U3
AD8351 Op Amp
MSOP-8
Analog Devices, Inc.
X
23
1
T2
M/A-COM
Transformer
ETC1-1-13
1-1 TX
M/A-COM/ETC1-1-13
24
1
R2
Chip Resistor
0603
SELECT
25
3
R14, R18, R35
Chip Resistors
0603
25 Ω
26
4
R1, R9, R40, R41
Chip Resistors
0603
10 kΩ
27
1
R34
Chip Resistor
1.2 kΩ
28
1
R33
Chip Resistor
100 Ω
Total 118
40
1 These items are included in the PCB design but are omitted at assembly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com