Electronic Components Datasheet Search
  English  ▼

X  

8110NH Datasheet(PDF) 2 Page - Belden Inc.

Part # 8110NH
Description  RS232/422 Low Cap, #24-10pr, FPO, O/A FoilBraid, LSZH Jkt, Dca, 100Ω
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8110NH Datasheet(HTML) 2 Page - Belden Inc.

  8110NH Datasheet HTML 1Page - Belden Inc. 8110NH Datasheet HTML 2Page - Belden Inc. 8110NH Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR Nominal Outer Shield DCR
78.7 Ohm/km
8.5 Ohm/km
Capacitance
Max. Capacitance Conductor to
Conductor
Nom. Capacitance Conductor to Conductor Nom. Capacitance Conductor to Other Conductor to Shield
45.9 pF/m
41 pF/m
72.2 pF/m
Inductance
Nominal Pair Inductance
0.75 µH/m
Impedance
Nominal Characteristic Impedance
100 Ohm
Delay
Nominal Velocity of Propagation (VP) [%]
78%
Current
Element
Max. Recommended Current [A]
Conductor(s) 1.5 Amps per Conductor
Voltage
Voltage Rating [V]
300 V
Temperature Range
Storage Temperature Range:
-45°C To +80°C
Operating Temp Range (Fixed Install):
-45°C To +80°C
Mechanical Characteristics
Max. Pull Tension:
400 N
Min. Bend Radius During Installation:
102.9 mm
Min Setting Radius:
51.45 mm
Standards
CENELEC Compliance:
EN 50290-2-20
Applicable Environmental and Other Programs
Environmental Space:
Indoor
Flammability, LS0H, Toxicity Testing
IEC Flammability:
IEC 60332-3-24
IEC 60754-1 - Halogen Amount:
Zero
IEC 60754-2 - Halogen Acid Gas Amount - Max. Conductivity:
2.5 µS/mm
IEC 60754-2 - Halogen Acid Gas Amount - Min. pH:
4.3
IEC 61034-2 - Smoke Density Min. Transmittance:
60%
Related Part Numbers
Variants
Item #
Color
Put-Up Type Length
EAN
8110NH.00152 Chrome Reel
152 m
8719605017895
8110NH.00305 Chrome Reel
305 m
8719605017901
8110NH.00500 Chrome Reel
500 m
8719605017918
History



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com