Electronic Components Datasheet Search
  English  ▼

X  

8445 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8445
Description  Electronic, 5 C #22 Str TC, PVC Ins, PVC Jkt, CMG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8445 Datasheet(HTML) 1 Page - Belden Inc.

  8445 Datasheet HTML 1Page - Belden Inc. 8445 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8445
Electronic, 5 C #22 Str TC, PVC Ins, PVC Jkt, CMG
Product Description
Electronic, 5 Conductor 22AWG (7x30) Tinned Copper, PVC Insulation, PVC Outer Jacket, CMG
Technical Specifications
Product Overview
Suitable Applications:
low voltage analog signals (4-20ma, 0-10v, ...); low voltage control (24v, …); line level audio; voice communications; panel wiring
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 5
22 AWG 7x30
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) PVC - Polyvinyl Chloride 0.011 in (0.28 mm) 0.050 in (1.3 mm)
Black, White, Red, Green, Brown
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.032 in (0.81 mm) 0.194 in (4.93 mm)
Overall Cable Diameter (Nominal): 0.194 in (4.93 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond
Max. Current
Conductor(s) 17.8 Ohm/1000ft
34 pF/ft (110 pF/m)
2.4 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V (CMG), 150 V (AWM 2576)
Mechanical Characteristics
Temperature
UL Temperature
Operating
80°C
-20°C to +80°C
Bend Radius
Stationary Min. Installation Min.
1.9 in (48 mm)
1.9 in (48 mm)
Max. Pull Tension:
46 lbs (21 kg)
Bulk Cable Weight:
24 lbs/1000ft
Standards and Compliance


Similar Part No. - 8445

ManufacturerPart #DatasheetDescription
logo
Weidmuller
8445010000 WEIDMULLER-8445010000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
8445020000 WEIDMULLER-8445020000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
8445040000 WEIDMULLER-8445040000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
8445050000 WEIDMULLER-8445050000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
8445070000 WEIDMULLER-8445070000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
More results

Similar Description - 8445

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8442 BELDEN-8442 Datasheet
249Kb / 2P
Electronic, 2 C #22 Str TC, PVC Ins, PVC Jkt, CMG
8456 BELDEN-8456 Datasheet
218Kb / 2P
Electronic, 10 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9421 BELDEN-9421 Datasheet
206Kb / 2P
Electronic, 8 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9430 BELDEN-9430 Datasheet
204Kb / 2P
Electronic, 7 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8443 BELDEN-8443 Datasheet
177Kb / 2P
Electronic, 3 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8459 BELDEN-8459 Datasheet
222Kb / 2P
Electronic, 25 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9432 BELDEN-9432 Datasheet
215Kb / 2P
Electronic, 30 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9433 BELDEN-9433 Datasheet
221Kb / 2P
Electronic, 40 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9423 BELDEN-9423 Datasheet
212Kb / 2P
Electronic, 9 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9434 BELDEN-9434 Datasheet
217Kb / 2P
Electronic, 50 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com