Electronic Components Datasheet Search
  English  ▼

X  

9502NH Datasheet(PDF) 1 Page - Belden Inc.

Part # 9502NH
Description  RS-232, 2PR #24 Str TC, PO ins, OS, LSZH Jkt, 300 V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9502NH Datasheet(HTML) 1 Page - Belden Inc.

  9502NH Datasheet HTML 1Page - Belden Inc. 9502NH Datasheet HTML 2Page - Belden Inc. 9502NH Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 9502NH
RS-232, 2PR #24 Str TC, PO ins, OS, LSZH Jkt, 300 V
Product Description
2-Pair, 24 AWG stranded (7x32) TC conductors, PE insulation, twisted pairs, overall Beldfoil shield (100% coverage), 24 AWG stranded TC drain Wire, LSZH
jacket, Flame resistance IEC 60332-3C
Technical Specifications
Product Overview
Suitable Applications:
Instrumentation and computer cable; For EIA RS-232 data transmission applications
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Pairs
24
7x32
TC - Tinned Copper 2
Conductor Count:
4
Insulation
Material
Nominal Diameter Diameter +/- Tolerance
PE - Polyethylene 1.12 mm
0.05 mm
Color Chart
Number
Color
Pair 1
Black & Red
Pair 2
Black & White
Outer Shield
Type
Material
Material Trade Name Thickness of Foil Drainwire Material
Drainwire AWG
Tape Bi-Laminate (Alum+Poly) Beldfoil®
9 / 12 µm
TC - Tinned Copper AWG24/7
Outer Jacket
Material
Nominal Diameter Nominal Wall Thickness
LSZH - Low Smoke Zero Halogen (Flame Retardant) 5.8 mm
0.9 mm
Construction and Dimensions
Cabling
Description
2 pairs twisted to cable core
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR Nominal Outer Shield DCR
78.7 Ohm/km
55.8 Ohm/km
Capacitance
Nom. Capacitance Conductor to Conductor Nom. Capacitance Conductor to Other Conductor to Shield


Similar Part No. - 9502NH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9502 ETC2-9502 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
logo
Belden Inc.
9502 BELDEN-9502 Datasheet
256Kb / 2P
RS-232, #24-2pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75廓
logo
Keystone Electronics Co...
9502 KEYSTONE-9502 Datasheet
237Kb / 1P
4-40 FLAT HEAD SCREW
9502 KEYSTONE-9502 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Abbatron All Rights Res...
9502 ABBATRON-9502 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results

Similar Description - 9502NH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9503ELW BELDEN-9503ELW Datasheet
146Kb / 2P
RS-232, 3PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Cca
11-09-2022
9503NH BELDEN-9503NH Datasheet
149Kb / 3P
RS-232, 3PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V
12-20-2022
9536ELV BELDEN-9536ELV Datasheet
159Kb / 2P
RS-232, 6C #24 Str TC, PO ins, OS, LSZH Jkt, 300V, B2ca
12-20-2022
9536NH BELDEN-9536NH Datasheet
161Kb / 3P
RS-232, 6C #24 Str TC, PO ins, OS, LSZH Jkt, 300V
12-19-2022
9507NH BELDEN-9507NH Datasheet
166Kb / 3P
RS-232, 7PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca
12-19-2022
9541NH BELDEN-9541NH Datasheet
163Kb / 3P
RS-232, 15C #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca
12-19-2022
9504NH BELDEN-9504NH Datasheet
162Kb / 3P
RS-232, 4PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca
12-19-2022
9505NH BELDEN-9505NH Datasheet
165Kb / 3P
RS-232, 5PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca
12-19-2022
9534NH BELDEN-9534NH Datasheet
158Kb / 3P
RS-232, 4C #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca
01-24-2023
9510NH BELDEN-9510NH Datasheet
166Kb / 3P
RS-232, 10PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V
12-09-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com