Electronic Components Datasheet Search
  English  ▼

X  

AD9396 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9396
Description  Analog/DVI Dual-Display Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9396 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9396 Datasheet HTML 22Page - Analog Devices AD9396 Datasheet HTML 23Page - Analog Devices AD9396 Datasheet HTML 24Page - Analog Devices AD9396 Datasheet HTML 25Page - Analog Devices AD9396 Datasheet HTML 26Page - Analog Devices AD9396 Datasheet HTML 27Page - Analog Devices AD9396 Datasheet HTML 28Page - Analog Devices AD9396 Datasheet HTML 29Page - Analog Devices AD9396 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
AD9396
Rev. 0 | Page 26 of 48
Hex
Address
Read/Write
or Read Only
Bits
Default
Value
Register Name
Description
0x30
Read
[6]
*0******
DVI Content
Encrypted
This bit is high when HDCP decryption is in use (content is
protected). The signal goes low when HDCP is not being used.
Customers can use this bit to determine whether to allow copying
of the content. The bit should be sampled at regular intervals
because it can change on a frame by frame basis.
[5]
**0*****
DVI HSYNC
Polarity
Returns DVI HSYNC polarity.
[4]
***0****
DVI VSYNC
Polarity
Returns DVI VSYNC polarity.
0x31
Read/Write
[7:4]
1001****
MV Pulse Max
Sets the maximum pseudo sync pulse width for Macrovision
detection.
[3:0]
****0110
MV Pulse Min
Sets the minimum pseudo sync pulse width for Macrovision
detection.
0x32
Read/Write
[7]
0*******
MV Oversample
En
Tells the Macrovision detection engine whether oversampling is in
use.
[6]
*0******
MV Pal En
Tells the Macrovision detection engine to enter PAL mode.
[5:0]
**001101
MV Line Count
Start
Sets the start line for Macrovision detection.
0x33
Read/Write
[7]
1*******
MV Detect Mode
0 = standard definition.
1 = progressive scan mode.
[6]
*0******
MV Settings
Override
0 = use hard coded settings for line counts and pulse widths.
1 = use I2C values for these settings.
[5:0]
**010101
MV Line Count
End
Sets the end line for Macrovision detection.
0x34
Read/Write
[7:6]
10******
MV Pulse Limit
Set
Sets the number of pulses required in the last 3 lines (SD mode
only).
[5]
**0*****
Low Freq Mode
Sets whether the Audio PLL is in low frequency mode. Low
frequency mode should only be set for pixel clocks <80 MHz.
[4]
***0****
Low Freq
Override
Allows the previous bit to be used to set low frequency mode
rather than the internal auto-detect.
[3]
****0***
Up Conversion
Mode
0 = repeat Cr and Cb values.
1 = interpolate Cr and Cb values.
[2]
*****0**
CrCb Filter Enable
Enables the FIR filter for 4:2:2 CrCb output.
[1]
******0*
CSC_Enable
Enables the color space converter (CSC). The default settings for the
CSC provide HDTV-to-RGB conversion.
Sets the fixed point position of the CSC coefficients, including the
A4, B4, and C4 offsets.
0x35
Read/Write
[6:5]
*01* ****
CSC_Mode
00 = ±1.0, −4096 to +4095.
01 = ±2.0, −8192 to +8190.
1× = ±4.0, −16384 to +16380.
[4:0]
***01100
CSC_Coeff_A1
MSB
MSB, Register 0x36.
0x36
Read/Write
[7:0]
01010010
CSC_Coeff_A1
Color space converter (CSC) coefficient for equation:
ROUT = (A1 × RIN) + (A2 × GIN) + (A3 × BIN) + A4
GOUT = (B1 × RIN) + (B2 × GIN) + (B3 × BIN) + B4
B
B
OUT
= (C1 × RIN) + (C2 × GIN) + (C3 × BIN) + C4
0x37
Read/Write
[4:0]
***01000
CSC_Coeff_A2
MSB
MSB, Register 0x38.
0x38
Read/Write
[7:0]
00000000
CSC_Coeff_A2 LSB
CSC coefficient for equation:
ROUT = (A1 × RIN + (A2 × GIN) + (A3 × BIN) + A4
GOUT = (B1 × RIN) + (B2 × GIN) + (B3 × BIN) + B4
B
B
OUT
= (C1 × RIN) + (C2 × GIN) + (C3 × BIN) + C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com