Electronic Components Datasheet Search
  English  ▼

X  

AD9510 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9510
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9510 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9510 Datasheet HTML 10Page - Analog Devices AD9510 Datasheet HTML 11Page - Analog Devices AD9510 Datasheet HTML 12Page - Analog Devices AD9510 Datasheet HTML 13Page - Analog Devices AD9510 Datasheet HTML 14Page - Analog Devices AD9510 Datasheet HTML 15Page - Analog Devices AD9510 Datasheet HTML 16Page - Analog Devices AD9510 Datasheet HTML 17Page - Analog Devices AD9510 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
AD9510
Rev. A | Page 14 of 60
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLK1 = 400 MHz
555
fs rms
Calculated from SNR of ADC method;
FC = 100 MHz with AIN = 170 MHz
Any CMOS (OUT4 to OUT7) = 100 MHz (B Output On)
Divide Ratio = 4
All LVPECL = 50 MHz
Interferer(s)
All Other CMOS = 50 MHz (B Output On)
Interferer(s)
DELAY BLOCK ADDITIVE TIME JITTER1
Incremental additive jitter1
100 MHz Output
Delay FS = 1 ns (1600 μA, 1C) Fine Adj. 00000
0.61
ps
Delay FS = 1 ns (1600 μA, 1C) Fine Adj. 11111
0.73
ps
Delay FS = 2 ns (800 μA, 1C) Fine Adj. 00000
0.71
ps
Delay FS = 2 ns (800 μA, 1C) Fine Adj. 11111
1.2
ps
Delay FS = 3 ns (800 μA, 4C) Fine Adj. 00000
0.86
ps
Delay FS = 3 ns (800 μA, 4C) Fine Adj. 11111
1.8
ps
Delay FS = 4 ns (400 μA, 4C) Fine Adj. 00000
1.2
ps
Delay FS = 4 ns (400 μA, 4C) Fine Adj. 11111
2.1
ps
Delay FS = 5 ns (200 μA, 1C) Fine Adj. 00000
1.3
ps
Delay FS = 5 ns (200 μA, 1C) Fine Adj. 11111
2.7
ps
Delay FS = 11 ns (200 μA, 4C) Fine Adj. 00000
2.0
ps
Delay FS = 11 ns (200 μA, 4C) Fine Adj. 00100
2.8
ps
1 This value is incremental. That is, it is in addition to the jitter of the LVDS or CMOS output without the delay. To estimate the total jitter, the LVDS or CMOS output jitter
should be added to this value using the root sum of the squares (RSS) method.
PLL AND DISTRIBUTION PHASE NOISE AND SPURIOUS
Table 7.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PHASE NOISE AND SPURIOUS
Depends on VCO/VCXO selection. Measured at LVPECL
clock outputs; ABP = 6 ns; ICP = 5 mA; Ref = 30.72 MHz.
VCXO = 245.76 MHz,
FPFD = 1.2288 MHz; R = 25, N = 200
VCXO is Toyocom TCO-2112 245.76.
245.76 MHz Output
Divide by 1.
Phase Noise @100 kHz Offset
<−145
dBc/Hz
Dominated by VCXO phase noise.
Spurious
<−97
dBc
First and second harmonics of FPFD.. Below measurement
floor.
61.44 MHz Output
Divide by 4.
Phase Noise @100 kHz Offset
<−155
dBc/Hz
Dominated by VCXO phase noise.
Spurious
<−97
dBc
First and second harmonics of FPFD.. Below measurement
floor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com