Electronic Components Datasheet Search
  English  ▼

X  

AD9513 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9513
Description  800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9513 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9513 Datasheet HTML 4Page - Analog Devices AD9513 Datasheet HTML 5Page - Analog Devices AD9513 Datasheet HTML 6Page - Analog Devices AD9513 Datasheet HTML 7Page - Analog Devices AD9513 Datasheet HTML 8Page - Analog Devices AD9513 Datasheet HTML 9Page - Analog Devices AD9513 Datasheet HTML 10Page - Analog Devices AD9513 Datasheet HTML 11Page - Analog Devices AD9513 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD9513
Rev. 0 | Page 8 of 28
CLOCK OUTPUT ADDITIVE TIME JITTER
Table 5.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVDS OUTPUT ADDITIVE TIME JITTER
Calculated from SNR of ADC method
CLK= 400 MHz
300
fs rms
LVDS (OUT0) = 100 MHz
Divide Ratio = 4
LVDS (OUT1, OUT2) = 100 MHz
Interferer
CLK = 400 MHz
300
fs rms
LVDS (OUT0) = 100 MHz
Divide Ratio = 4
LVDS (OUT1, OUT2) = 50 MHz
Interferer
CLK = 400 MHz
305
fs rms
LVDS (OUT1) = 100 MHz
Divide Ratio = 4
LVDS (OUT0, OUT2) = 100 MHz
Interferer
CLK = 400 MHz
310
fs rms
LVDS (OUT1) = 100 MHz
Divide Ratio = 4
LVDS (OUT0, OUT2) = 50 MHz
Interferer
CLK = 400 MHz
310
fs rms
LVDS (OUT2) = 100 MHz
Divide Ratio = 4
LVDS (OUT0, OUT1) = 100 MHz
Interferer
CLK = 400 MHz
315
fs rms
LVDS (OUT2) = 100 MHz
Divide Ratio = 4
LVDS (OUT0, OUT1) = 50 MHz
Interferer
CLK = 400 MHz
345
fs rms
LVDS (OUT2) = 100 MHz
Divide Ratio = 4
CMOS (OUT0, OUT1) = 50 MHz
Interferer
CMOS OUTPUT ADDITIVE TIME JITTER
Calculated from SNR of ADC method
CLK = 400 MHz
300
fs rms
CMOS (OUT0) = 100 MHz
Divide Ratio = 4
LVDS (OUT2) = 100 MHz
Interferer
CLK = 400 MHz
300
fs rms
CMOS (OUT0) = 100 MHz
Divide Ratio = 4
CMOS (OUT1, OUT2) = 50 MHz
Interferer
CLK = 400 MHz
335
fs rms
CMOS (OUT1) = 100 MHz
Divide Ratio = 4
CMOS (OUT0, OUT2) = 50 MHz
Interferer
CLK = 400 MHz
355
fs rms
CMOS (OUT2) = 100 MHz
Divide Ratio = 4
CMOS (OUT0, OUT1) = 50 MHz
Interferer
CLK = 400 MHz
340
fs rms
CMOS (OUT2) = 100 MHz
Divide Ratio = 4
LVDS (OUT0, OUT1) = 50 MHz
Interferer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com